Electronic Components Datasheet Search
  English  ▼

X  

DM6383F Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # DM6383F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6383F Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DM6383F Datasheet HTML 25Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 26Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 27Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 28Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 29Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 30Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 31Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 32Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
29
Version: DM336P-DS-F02
August 15, 2000
• Chip 3 : DM6380 Analog Front End (AFE) Description
DM6380 Description
The DM6380 is a single chip Analog Front End (AFE)
designed to implement voice grade modem up to
33600bps. It is used as a portion of a complete
modem device set. The AFE converts the analog
signal into digital form and transfers the digital data to
the DSP through the serial port. All the clock
information needed in a modem device is also
generated in this device. The differential analog
outputs are provided to acquire the maximum output
signal level. An audio monitor whose volume is
programmable is built in to monitor the on-line signal.
Inside the device, a 16-bit ADC and a 16-bit DAC with
over-sampling and noise-shaping techniques is
implemented to maximize performance for high speed
modem. It offers wide-band transmit and receive
filters so that the voice band signal is transmitted or
received without amplitude distortion and with
minimum group delay. In order to support the multi-
mode modem standards, such as V.34, V.32bis, V.32,
V.22bis, V.22, V.23, V.21, Bell 212A, Bell 103, V.17,
V.29, V.27ter, the programmable baud and data rate
clock generators are provided. For the asymmetric
channel usage, the transmit and receive clock
generators are independent. In order to provide the
echo-cancel capability, the receive clock is
synchronized with the transmit clock and the best
receive timing sample is reconstructed by a
reconstruction filter. Transmit Digital Phase Lock
Loop (DPLL) is self-tuning to provide the master,
slave or free-running mode for the data terminal
interface. A software programmable receive DPLL
that is step-controllable by the host DSP is
implemented to get the best samples for the relevant
signal processing.
DM6380 Block Diagram
RxSCLK
RxDCLK
RFS
DOR
DIR
TFS
DOT
DIT
Digital
Reconstruction
Filter
SCLK
Digital
Interface
Rx Clock
System
Tx Clock
System
Divider
Control
Registers
Tx Filter &
DAC
Rx Filter &
ADC
LPF &
Attenuator
Voltage Reference
0/-6 dB
Audio Amplifier
Power-on
Detector
SPKR
RxIN
V REFN
V REFP
TxA2
TxA1
CLKIN
TxSCLK*2
TxDCLK
ExtCLK
V CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com