Electronic Components Datasheet Search
  English  ▼

X  

DM6383F Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM6383F
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6383F Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM6383F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM6383F Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
15
Version: DM336P-DS-F02
August 15, 2000
(1) Card Control Registers (continued)
Index
Name
Type
Definition
07H
Logical Device
R
00H (Only one logical device in DM6383A)
(2) Logical Device Control Registers
Index
Name
Type
Definition
30H
Activate
R/W For each logical device, there is one Activate register that controls
whether or not the device is active on the ISA bus. Bit[0], if set, activates
the logical device. Before a logical device is activated, I/O range check
must be disabled.
31H
I/O Range Check
R/W This register is used to perform a conflict check on the I/O port range
programmed for use by a logical device.
Bit[1] - This bit, when set, enables I/O range check. I/O port range check
is only valid when the logical device is inactive.
Bit[0] - If set, this bit forces logical device to respond to I/O reads within
logical device assigned I/O range with a 55H when I/O range check is in
operation. If clear, the logical device drives AAH.
c. Logical Device Configuration Registers
(1) I/O Configuration Registers
Index
Name
Type
Definition
60H
I/O base address
bits[15:8]
R/W
Read/write value indicating the selected I/O Lower Limit Address Bits
[15:8] for I/O descriptor 0. If a logical device indicates it uses only 10
bits for decoding, then bits [15:10] need not to be supported.
61H
I/O base address
bits[7:3]
R/W
Read/write value indicating the selected I/O Lower Input Address Bits
[7:3] for I/O descriptor 0.
(2) Interrupt Configuration Registers
Index
Name
Type
Definition
70H
IRQ level
R/W
Read/write value indicating a selected Interrupt Level Bits[3:0] Select
which ISA interrupt level is used. A value of 1 selects IRQ1, 15 selects
IRQ15, etc. IRQ0 is not a valid interrupt selection.
71H
IRQ type bits [7:0]
R
Read/write value indicating which type of interrupt is used for the IRQ
selected above Bit[1] - Level, 1 = high, 0 = low Bit[0] - Type, 1= level, 0 =
edge for DM6383A, this register is read only with value = 02H.
(3) Vender Define Register
Index
Name
Type
Definition
F0H
Auto Configuration
R/W
The I/O base address and IRQ can be configured by CPU through this
register. (It can also be configured by micro-controller. See previous
section).
F1H
IRQ Status Enable
W
Before reading IRQ lines status, bit 0 must be set in order to load IRQ
lines status to IRQ Status register, bit 1 enable Pull Low resistor.
F2H
IRQ Status
R
This register responds to IRQ lines status to determine which interrupt
has been used by PC system. bit 0: IRQ 3 bit 1: IRQ 4 bit 2: IRQ 5 bit 3:
IRQ 7 bit 4: IRQ 10 bit 5: IRQ11 bit 6: IRQ12 bit 7: IRQ15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com