Electronic Components Datasheet Search
  English  ▼

X  

EL2120CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2120CS
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2120CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2120CS Datasheet HTML 3Page - Intersil Corporation EL2120CS Datasheet HTML 4Page - Intersil Corporation EL2120CS Datasheet HTML 5Page - Intersil Corporation EL2120CS Datasheet HTML 6Page - Intersil Corporation EL2120CS Datasheet HTML 7Page - Intersil Corporation EL2120CS Datasheet HTML 8Page - Intersil Corporation EL2120CS Datasheet HTML 9Page - Intersil Corporation EL2120CS Datasheet HTML 10Page - Intersil Corporation EL2120CS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Typical Performance Curves (Continued)
Applications Information
The EL2120 represents the third generation of current-
feedback amplifier design. It is designed to provide good
high-frequency performance over wide supply voltage, load
impedance, gain, temperature, and manufacturing lot
variations. It is a well-behaved amplifier in spite of its
100MHz bandwidth, but a few precautions should be taken
to obtain maximum performance.
The power supply pins must be well bypassed. 0.01µF
ceramic capacitors are adequate, but lead length should be
kept below 1/4” and a ground plane is recommended.
Bypassing with 4.7µF tantalum capacitors can improve
settling characteristics, and smaller capacitors in parallel will
not be needed. The lead length of sockets generally
deteriorates the amplifier's frequency response by
exaggerating peaking and increasing ringing in response to
transients. Short sockets cause little degradation.
Load capacitance also increases ringing and peaking.
Capacitance greater than 35pF should be isolated with a
series resistor. Capacitance at the VIN- terminal has a
similar effect, and should be kept below 5pF. Often, the
inductance of the leads of a load capacitance will be self-
resonant at frequencies from 40MHz to 200MHz and can
cause oscillations. A resonant load can be de-Q'ed with a
small series or parallel resistor. A “snubber” can sometimes
Enable Response for
a Family of Inputs
Disable Response for
a Family of Inputs
AV = +2, RL = 150Ω,
VS = ±5V
AV = +2, RL = 150Ω,
VS = ±5V
Supply Current vs
Supply Voltage
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Pin SO
Maximum Power Dissipation
vs Ambient Temperature
EL2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com