Electronic Components Datasheet Search
  English  ▼

X  

EL2120CS Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2120CS
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2120CS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2120CS Datasheet HTML 4Page - Intersil Corporation EL2120CS Datasheet HTML 5Page - Intersil Corporation EL2120CS Datasheet HTML 6Page - Intersil Corporation EL2120CS Datasheet HTML 7Page - Intersil Corporation EL2120CS Datasheet HTML 8Page - Intersil Corporation EL2120CS Datasheet HTML 9Page - Intersil Corporation EL2120CS Datasheet HTML 10Page - Intersil Corporation EL2120CS Datasheet HTML 11Page - Intersil Corporation EL2120CS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
The EL2120 Macromodel
This macromodel has been developed to assist the user in
simulating the EL2120 with surrounding circuitry. It was
developed for the PSPICE simulator (copyrighted by the
Microsim corporation), and may need to be rearranged for
other simulators, particularly the H operator. It approximates
frequency response and small-signal transients as well,
although the effects of load capacitance does not show. This
model is slightly more complicated than the models used for
low-frequency op-amps, but is much more accurate for AC.
The model does not simulate these characteristics
accurately:
•noise
• non-linearities
• slew rate limitations
• temperature effects
•settling time
• manufacturing variations
• input or output resonances
• CMRR and PSRR
* Revision A. March 1992
* Enhancements include PSRR, CMRR, and Slew Rate Limiting
* Connections:
+input
*
|
-input
*
|
|
+Vsupply
*
|
|
|
-Vsupply
*
|
|
|
|
output
*
|
|
|
|
|
.subckt M2120
3
2
7
4
6
*
* Input Stage
*
e1 10 0 3 0 1.0
vis 10 9 0V
h2 9 12 vxx 1.0
r1 2 11 25
l1 11 12 20nH
iinp 3 0 10µA
iinm 2 0 5µA
r12 3 0 2Meg
*
* Slew Rate Limiting
*
h1 13 0 vis 600
r2 13 14 1K
d1 14 0 dclamp
s2 0 14 dclamp
*
* High Frequency Pole
*
e2 30 0 14 0 0.00166666666
15 30 17 1µH
c5 17 0 0.5pF
r5 17 0 600
*
* Transimpedance Stage
*
g1 0 18 17 0 1.0
rol 18 0 140K
cdp 18 0 7.9pF
*
* Output Stage
*
q1 4 18 19 qp
q2 7 18 20 qn
q3 7 19 21 qn
EL2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com