Electronic Components Datasheet Search
  English  ▼

X  

TLF1963 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLF1963
Description  Low Dropout Linear Voltage Post Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF1963 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLF1963 Datasheet HTML 9Page - Infineon Technologies AG TLF1963 Datasheet HTML 10Page - Infineon Technologies AG TLF1963 Datasheet HTML 11Page - Infineon Technologies AG TLF1963 Datasheet HTML 12Page - Infineon Technologies AG TLF1963 Datasheet HTML 13Page - Infineon Technologies AG TLF1963 Datasheet HTML 14Page - Infineon Technologies AG TLF1963 Datasheet HTML 15Page - Infineon Technologies AG TLF1963 Datasheet HTML 16Page - Infineon Technologies AG TLF1963 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLF1963
Electrical Characteristics
Data Sheet
13
Rev. 1.0, 2012-11-08
GND Pin Current
I
GND versus
Input Voltage
V
I (VQ,nom = 2.5 V)
GND Pin Current
I
GND versus
Input Voltage
V
I (VQ,nom = 1.21 V)
GND Pin Current
I
GND versus
Input Voltage
V
I (VQ,nom = 2.5 V)
GND Pin Current
I
GND versus
Input Voltage
V
I (VQ,nom = 1.21 V)
0
2
4
6
8
10
0
5
10
15
20
25
30
V
I
[V]
V
Q,nom
= 2.5 V
T
j
= 25
°C
I
Q
= 1 mA
I
Q
= 100 mA
I
Q
= 500 mA
0
2
4
6
8
10
0
5
10
15
20
25
30
V
I
[V]
V
Q,nom
= 1.21 V
T
j
= 25
°C
I
Q
= 1 mA
I
Q
= 100 mA
I
Q
= 500 mA
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
V
I
[V]
V
Q,nom
= 2.5 V
T
j
= 25
°C
I
Q
= 1 mA
I
Q
= 100 mA
I
Q
= 500 mA
I
Q
= 1.5 A
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
V
I
[V]
V
Q,nom
= 1.21 V
T
j
= 25
°C
I
Q
= 1 mA
I
Q
= 100 mA
I
Q
= 500 mA
I
Q
= 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com