Electronic Components Datasheet Search
  English  ▼

X  

TLF1963 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLF1963
Description  Low Dropout Linear Voltage Post Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF1963 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLF1963 Datasheet HTML 14Page - Infineon Technologies AG TLF1963 Datasheet HTML 15Page - Infineon Technologies AG TLF1963 Datasheet HTML 16Page - Infineon Technologies AG TLF1963 Datasheet HTML 17Page - Infineon Technologies AG TLF1963 Datasheet HTML 18Page - Infineon Technologies AG TLF1963 Datasheet HTML 19Page - Infineon Technologies AG TLF1963 Datasheet HTML 20Page - Infineon Technologies AG TLF1963 Datasheet HTML 21Page - Infineon Technologies AG TLF1963 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TLF1963
Application Information
Data Sheet
18
Rev. 1.0, 2012-11-08
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
The TLF1963 is an 1.5 A low dropout regulator optimized for fast transient response. The device is capable of
supplying 1.5 A at a very low dropout voltage up to a Junction Temperature of 150 °C. The low operating quiescent
current of 1 mA drops to less than 1 µA in case the device is disabled. In addition to the low quiescent current, the
TLF1963 incorporates several protection features which make them ideal for use in battery-powered systems. The
device is protected against both reverse input and reverse output voltages.
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
Figure 4
Application Diagram
6.1
Adjustable Operation
The TLF1963 has an output voltage range of 1.21 V to
V
I - Vdr < 20 V. The output voltage is set by the ratio of two
external resistors as shown in Figure 4. The device serves the output to maintain the voltage at the ADJ pin at
1.21 V referenced to ground. The current in R1 is then equal to 1.21 V / R1 and the current in R2 is the current in
R1 plus the ADJ pin bias current. The ADJ pin bias current, 1 µA at 25 °C, flows through R2 into the ADJ pin. The
output voltage can be calculated using the formula in Equation (1).
(1)
V
ADJ = 1.21 V typical
I
ADJ = 1 µA at 25 °C
The value of R1 is recommended to be smaller than 12 kΩ to minimize errors in the output voltage caused by the
ADJ pin bias current. Note that in shutdown the output is turned off and the divider current will be zero.
The adjustable device is mainly tested and specified with the ADJ pin connected to the Q pin for an output voltage
of 1.21 V. Specifications for output voltages adjusted to greater values than 1.21V will be proportional to the ratio
of the desired output voltage to 1.21 V.
For example, load regulation for an output current change of 1 mA to 1.5 A is
ΔV
Q,load = 2 mV typical at
V
Q,nom = 1.21 V.
At
V
Q,nom = 5 V, load regulation is: ΔVQ,load,5V = (5 V / 1.21 V)•(2 mV) = 8.3 mV
TLF1963
3
GND
2
VBat
4
Q
10 µF
VQ
EN
ADJ
I
10µF
5
1
R2
R1
VQ
VADJ 1
R2
R1
------
+
⎝⎠
⎛⎞
⋅
IADJ R2
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com