Electronic Components Datasheet Search
  English  ▼

X  

CT-6 Datasheet(PDF) 1 Page - Copal Electronics

Part # CT-6
Description  SINGLE TURN CERMET TRIMMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT-6 Datasheet(HTML) 1 Page - Copal Electronics

  CT-6 Datasheet HTML 1Page - Copal Electronics CT-6 Datasheet HTML 2Page - Copal Electronics CT-6 Datasheet HTML 3Page - Copal Electronics CT-6 Datasheet HTML 4Page - Copal Electronics CT-6 Datasheet HTML 5Page - Copal Electronics CT-6 Datasheet HTML 6Page - Copal Electronics CT-6 Datasheet HTML 7Page - Copal Electronics CT-6 Datasheet HTML 8Page - Copal Electronics CT-6 Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
2 3
4
5
6
7
8
9
!0
Part name
1
2
3
4
5
6
7
8
9
!0
“O” ring
Base element
Rotor
Electrode
Wiper
Resistive element
Terminal pin
Material
Flammability
Housing
Rubber cushion
Adhesive
※Please refer to the LIST OF PART NUMBERS when placing orders.
CT-6
SINGLE TURN CERMET TRIMMERS
RuO2 cermet
Ceramic
Epoxy
Ag-Pd cermet
Multi metal alloy
Silicone rubber
Silicone rubber
Polybutyleneterephthalate
INTERNAL STRUCTURE
■ FEATURES
O RoHS compliant
O Various configurations to choose from
O Wide variety (14 types)
O“O”ring sealed and washable
■ PART NUMBER DESIGNATION
C T - 6 E T V 5 k
Ω ( 5 0 2 )
Series name
Form of packaging
T
:Taping (Ammo pack type)
M
:Magazine (stick)
Blank
:Bulk in plastic bag
Resistance code
Resistance value
Product shape
P
: Top adjustment
S
:Side adjustment
W
: Top adjustment
X
:Side adjustment
R
: Top adjustment
H
:Side adjustment
V
: Top adjustment
N
:Side adjustment
F
: Rear adjustment
UL94V-0
—
UL94HB
—
UL94V-0
—
Terminal pin
E
:Sn (Lead-free)
Copper, Tin-plated
RoHS compliant


Similar Part No. - CT-6

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
CT-6 RICHCO-CT-6 Datasheet
51Kb / 1P
CORRUGATED TUBE
logo
List of Unclassifed Man...
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
TEKTRONIX, INC.
CT-60-S TEKTRONIX-CT-60-S Datasheet
2Mb / 18P
Four-channel, Multi-phase AC/DC Power Analyzer
logo
List of Unclassifed Man...
CT-60L75M2 ETC2-CT-60L75M2 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
CT-60P84M2 ETC2-CT-60P84M2 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
More results

Similar Description - CT-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
SINGLE TURN CERMET TRIMMERS
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
SINGLE TURN CERMET TRIMMERS
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
SINGLE TURN CERMET TRIMMERS
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
SINGLE TURN CERMET TRIMMERS
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT-63 COPAL-FT-63 Datasheet
161Kb / 7P
SINGLE TURN CERMET TRIMMERS
RJ-13 COPAL-RJ-13 Datasheet
295Kb / 4P
SINGLE TURN CERMET TRIMMERS
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
SINGLE TURN CERMET TRIMMERS
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com