Electronic Components Datasheet Search
  English  ▼

X  

CT-6 Datasheet(PDF) 4 Page - Copal Electronics

Part # CT-6
Description  SINGLE TURN CERMET TRIMMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT-6 Datasheet(HTML) 4 Page - Copal Electronics

  CT-6 Datasheet HTML 1Page - Copal Electronics CT-6 Datasheet HTML 2Page - Copal Electronics CT-6 Datasheet HTML 3Page - Copal Electronics CT-6 Datasheet HTML 4Page - Copal Electronics CT-6 Datasheet HTML 5Page - Copal Electronics CT-6 Datasheet HTML 6Page - Copal Electronics CT-6 Datasheet HTML 7Page - Copal Electronics CT-6 Datasheet HTML 8Page - Copal Electronics CT-6 Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
★ Pin pitch in W type is different from P type.
Resistance code &
Production date code
7
+ 0.4
0
7
+ 0.4
– 0.2
2.5
2.5
3
1
2
Adjustment
0.6 W
× 2.6 L × 1.6 D
3 –
0.45
φ
Lead-free Identification mark
5.8
3
1
2
2.5 2.5
162
13.52
260 Nom.
7
Resistance code &
Production date code
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
5.8
72
3
1
2
1.8 1.8
260 Nom.
7
Resistance code &
Production date code
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
5.8
72
260 Nom.
7
Resistance code &
Production date code
Lead-free Identification mark
3 –
0.45
φ
3
1
2
2.5 2.5
0.6 W
× 2.6 L × 1.6 D
CT-6
CERMET TRIMMERS
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O CT-6EP
Top adjustment
O CT-6EW
Top adjustment
O CT-6EV
Top adjustment
O CT-6ES
Side adjustment
CW rotation
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com