Electronic Components Datasheet Search
  English  ▼

X  

INA120CG Datasheet(PDF) 8 Page - Texas Instruments

Part # INA120CG
Description  INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120CG Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA120CG Datasheet HTML 4Page - Texas Instruments INA120CG Datasheet HTML 5Page - Texas Instruments INA120CG Datasheet HTML 6Page - Texas Instruments INA120CG Datasheet HTML 7Page - Texas Instruments INA120CG Datasheet HTML 8Page - Texas Instruments INA120CG Datasheet HTML 9Page - Texas Instruments INA120CG Datasheet HTML 10Page - Texas Instruments INA120CG Datasheet HTML 11Page - Texas Instruments INA120CG Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
INA120
8
(a)
(b)
R
1
G
440
Ω
200
110
Ω
500
44k
Ω
R
1 || 444Ω
G = 1 +
A
3
A
1
A
2
1
18
–V
2
12
7
6
3
4
5
8
9
10
11
17
13
16
15
14
IN
+V
IN
Ω
R = 816
for G = 50
G
Ω
R = 40k
G – 1
G
V
O
V+
V–
20k
Ω
20k
Ω
A
3
A
1
A
2
1
18
–V
2
12
7
6
3
4
5
8
9
10
11
17
13
16
15
14
IN
+V
IN
V
O
V+
V–
R
1
20k
Ω
20k
Ω
FIGURE 3. External Gain-Setting Resistors.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA120 is extremely high—
approximately 1010
Ω. This does not mean, however, that no
current flows in the input terminals. The input bias current
of the INA120 is typically
±10nA (it can be either polarity).
High input impedance means that this input bias current
changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current
if the INA120 is to function. Figure 5 shows various provi-
sions for an input bias current path. Without an appropriate
current path, the inputs will float to a potential which
exceeds the common-mode range of the INA120 and the
input amplifiers will saturate.
INPUT PROTECTION
The inputs of the INA120 are protected for input voltages up
to 2V beyond the power supply voltages. If the input can
exceed these conditions, input clamp diodes should be pro-
vided as shown in Figure 6. R
S may not be required if the
input cannot supply more than 100mA. If the input can
supply larger currents, choose R
S according to the maximum
source voltage, limiting current to under 100mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com