Electronic Components Datasheet Search
  English  ▼

X  

INA120CG Datasheet(PDF) 10 Page - Texas Instruments

Part # INA120CG
Description  INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120CG Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA120CG Datasheet HTML 4Page - Texas Instruments INA120CG Datasheet HTML 5Page - Texas Instruments INA120CG Datasheet HTML 6Page - Texas Instruments INA120CG Datasheet HTML 7Page - Texas Instruments INA120CG Datasheet HTML 8Page - Texas Instruments INA120CG Datasheet HTML 9Page - Texas Instruments INA120CG Datasheet HTML 10Page - Texas Instruments INA120CG Datasheet HTML 11Page - Texas Instruments INA120CG Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
®
INA120
10
INA120
REF102
R
80.6k
4
Ω
R
1M
7
Ω
R
5.23k
2
Ω
R
27k
1
Ω
R
100
3
Ω
1N4148
Cu
Cu
R
50
5
Ω
R
100
Zero Adj
6
Ω
V+
V
O
K
6
10.0V
4
(1)
(2)
(2)
FIGURE 7. Thermocouple Amplifier With Cold Junction Compensation.
Shielded Cable
FIGURE 8. Guard Drive Circuit.
A
3
A
1
A
2
1
18
2
12
7
6
3
4
5
8
9
10
11
17
13
16
15
14
V
IN
V+
INA105
V
O
G = 1000
1
3
6
5
2
V–
220
Ω
SEEBECK
ISA
COEFFICIENT
R
2
R
4
TYPE MATERIAL
(
µV/°C)
(R
3 = 100Ω)(R5 + R6
=100
Ω)
E
Chromel
58.5
3.48k
56.2k
Constantan
J
Iron
50.2
4.12k
64.9k
Constantan
K
Chromel
39.4
5.23k
80.6k
Alumel
T
Copper
38.0
5.49k
84.5k
Constantan
NOTES: (1) –2.1mV/
°C at 200µA.
(2) R
7 provides down-scale burn-out
indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com