Electronic Components Datasheet Search
  English  ▼

X  

DA9063 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA9063
Description  System Power Management IC (PMIC) for applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA9063 Datasheet HTML 1Page - Dialog Semiconductor DA9063 Datasheet HTML 2Page - Dialog Semiconductor DA9063 Datasheet HTML 3Page - Dialog Semiconductor DA9063 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dialog-semiconductor.com
16 GPIOs can be used to implement system functions such as: application wakeup; buffered 32 kHz
clock output; hardware regulator control; RGB-LED driver pins with PWM control; and sequencing
control of external regulators, power switches, or other ICs such as the Dialog family of sub-PMICs.
An integrated 10-channel ADC includes advanced voltage monitoring, internal temperature
supervision, three general-purpose channels with programmable high/low thresholds, an integrated
current source for resistive measurements, and system voltage monitoring with a programmable
low-voltage warning. The ADC has 8-bit resolution in AUTO mode and 10-bit resolution in manual
conversion mode
Features
► Input voltage 2.8 V to 5.5 V
► Six buck converters, 0.3 V to 3.34 V up to
2.5 A
– Dual-phase mode up to 5 A
– Merged mode up to 3 A
– DDR VTT supply mode
– DVS support
► 3 MHz switching frequency allows use of low-
profile 1 µH inductors
► Integrated power switches
► 11 LDO regulators, 0.6 V to 3.6 V up to
300 mA
– Three low-noise LDOs
– Four with DVS
– Five with current-limited switch option
► Fast controller for two rail switches
► Dual serial interfaces for system
communication and control
– One high-speed I2C compatible
– One SPI/I2C selectable
► Programmable power manager
► System supply monitoring
► Junction temperature monitoring
► Watchdog timer
► Coin cell/super-capacitor backup charger
► 1.5 μA RTC with alarm and wakeup
► 16 flexible GPIO pins for enhanced wakeup
and peripheral control
► RGB-LED driver (PWM) with autonomous
flashing
► PWM vibrator driver
► 10-bit ADC with nine channels and
configurable alarm thresholds
► -40 °C to +125 °C junction temperature
operation
► Automotive AEC-Q100 Grade 3 version
Typical applications
► Portable industrial and medical devices
► TV dongle
► eReaders
► Supply for single-, dual- and quad-core
application processors, for example the i.MXTM
families
► Power supply for FPGAs
► Automotive infotainment/dashboard
► IoT devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com