Electronic Components Datasheet Search
  English  ▼

X  

DA9063 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9063
Description  System Power Management IC (PMIC) for applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9063 Datasheet HTML 1Page - Dialog Semiconductor DA9063 Datasheet HTML 2Page - Dialog Semiconductor DA9063 Datasheet HTML 3Page - Dialog Semiconductor DA9063 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
This publication provides outline information only, which unless agreed by Dialog Semiconductor may not
be used, applied or reproduced for any purpose, or be regarded as a representation relating to products.
Please refer to Dialog standard supply terms on the company website (www.dialog-semiconductor.com).
© Dialog Semiconductor 2016. All rights reserved. DA9063 PB 2v9
United Kingdom
Phone: +44 1793 757700
Germany
Phone: +49 7021 805-0
Dialog Semiconductor Worldwide Sales Offices - www.dialog-semiconductor.com
email: info@diasemi.com
The Netherlands
Phone: +31 73 640 88 22
North America
Phone: +1 408 845 8500
Japan
Phone: +81 3 5425 4567
Taiwan
Phone: +886 281 786 222
Singapore
Phone: +65 648 499 29
Hong Kong
Phone: +852 3769 5200
Korea
Phone: +82 2 3469 8200
China (Shenzhen)
Phone: +86 755 2981 3669
China (Shanghai)
Phone: +86 21 5424 9058
Regulator
Supplied
voltage
Supplied
max.
current
External
component
Notes
BUCKCORE1
0.3 V to 1.57 V
2.5 A
1.0 µH /
2 x 47 µF
3 MHz, DVS with variable slew rate, 10 mV steps
BUCKCORE2
0.3 V to 1.57 V
2.5 A
1.0 µH /
2 x 47 µF
3 MHz, DVS with variable slew rate, 10 mV steps,
can be combined with BUCKCORE1 as a 5 A dual-phase
buck
BUCKPRO
0.53 V to 1.80 V
2.5 A
1.0 µH /
2 x 47 µF
3 MHz, DVS with variable slew rate, 10 mV steps,
can be used as a DDR VTT supply
BUCKMEM
0.8 V to 3.34 V
1.5 A
1.0 µH /
2 x 22 µF
3 MHz, DVS with variable slew rate, 20 mV steps,
3 A merged mode with BUCKIO
BUCKIO
0.8 V to 3.34 V
1.5 A
1.0 µH /
2 x 22 µF
3 MHz, DVS with variable slew rate, 20 mV steps
BUCKPERI
0.8 V to 3.34 V
1.5 A
1.0 µH /
2 x 22 µF
3 MHz, DVS with variable slew rate, 20 mV steps
LDO1
0.6 V to 1.86 V
100 mA
1.0 µF
Bypass mode, 20 mV steps, DVS with variable slew rate,
optional voltage tracking of BUCKCORE or BUCKPRO
LDO2
0.6 V to 1.86 V
200 mA
2.2 µF
20 mV steps, DVS with variable slew rate
LDO3
0.9 V to 3.44 V
200 mA
2.2 µF
Bypass mode, 20 mV steps, DVS with variable slew rate
LDO4
0.9 V to 3.44 V
200 mA
2.2 µF
Bypass mode, 20 mV steps, DVS with variable slew rate
LDO5
0.9 V to 3.6 V
100 mA
1.0 µF
50 mV steps
LDO6
0.9 V to 3.6 V
200 mA
2.2 µF
Low noise, 50 mV steps
LDO7
0.9 V to 3.6 V
200 mA
2.2 µF
Bypass mode, 50 mV steps
LDO8
0.9 V to 3.6 V
200 mA
2.2 µF
Bypass mode, switching vibration motor driver mode,
50 mV steps
LDO9
0.95 V to 3.6 V
200 mA
2.2 µF
Low noise, 50 mV steps
LDO10
0.9 V to 3.6 V
300 mA
2.2 µF
Low noise LDO, 50 mV steps
LDO11
0.9 V to 3.6 V
300 mA
2.2 µF
Bypass mode, 50 mV steps
BACKUP
1.1 V to 3.1 V
6 mA
470 nF
100 mV / 200 mV steps, configurable current limit
between 100 µA and 6000 µA, reverse current protection
Generated supply domains



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com