Electronic Components Datasheet Search
  English  ▼

X  

TPS79018DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79018DBVT
Description  ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79018DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS79018DBVT Datasheet HTML 1Page - Texas Instruments TPS79018DBVT Datasheet HTML 2Page - Texas Instruments TPS79018DBVT Datasheet HTML 3Page - Texas Instruments TPS79018DBVT Datasheet HTML 4Page - Texas Instruments TPS79018DBVT Datasheet HTML 5Page - Texas Instruments TPS79018DBVT Datasheet HTML 6Page - Texas Instruments TPS79018DBVT Datasheet HTML 7Page - Texas Instruments TPS79018DBVT Datasheet HTML 8Page - Texas Instruments TPS79018DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS79015, TPS79018, TPS79025, TPS79028, TPS79030
ULTRALOW-POWER LOW-NOISE 50-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS299B – SEPTEMBER 2000 – REVISED MAY 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI (see Note 2)
2.7
10
V
Continuous output current, IO (see Note 3)
0
50
mA
Operating junction temperature, TJ
–40
125
°C
NOTES:
2. To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
3. Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended
that the device operate under conditions beyond those specified in this table for extended periods of time.
electrical characteristics over recommended operating free–air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0V, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS79015
TJ = 25°C,
2.7 V < VI < 10 V
1.5
TPS79015
TJ = –40°C to 125°C, 2.7 V < VI < 10 V
1.455
1.545
TPS79018
TJ = 25°C,
2.8 V < VI < 10 V
1.8
TPS79018
TJ = –40°C to 125°C, 2.8 V < VI < 10 V
1.746
1.854
Output voltage (10
µA to 50 mA load)
TPS79025
TJ = 25°C,
3.5 V < VI < 10 V
2.5
V
g(
µ
)
(see Note 4)
TPS79025
TJ = –40°C to 125°C, 3.5 V < VI < 10 V
2.425
2.575
V
TPS79028
TJ = 25°C,
3.8 V < VI < 10 V
2.8
TPS79028
TJ = –40°C to 125°C, 3.8 V < VI < 10 V
2.716
2.884
TPS79030
TJ = 25°C,
4.0 V < VI < 10 V
3
TPS79030
TJ = –40°C to 125°C, 4.0 V < VI < 10 V
2.910
3.090
Quiescent current (GND current) (see Note 4)
EN = 0 V,
10
µA < IO < 50 mA,
TJ = 25°C
17
µA
Quiescent current (GND current) (see Note 4)
EN = 0 V,
IO = 50 mA,
TJ = –40°C to 125°C
28
µA
Load regulation
EN = 0 V,
IO = 10 µA to 50 mA,
TJ = 25°C
8
mV
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.04
Output voltage line regulation (
∆VO/VO)
(see Notes 4 and 5)
VO + 1 V < VI ≤ 10 V,
TJ = –40°C to 125°C
0.1
%/V
Output noise voltage (TPS79030)
BW = 300 Hz to 50 kHz, C(byp) = 0.01 µF,
Co = 10 µF,
IO = 50 mA, TJ = 25°C
56
µVrms
Output current limit
VO = 0 V,
See Note 4
350
750
mA
Standby current
EN = VI ,
2.7 < VI < 10 V
1
µA
Standby current
TJ = –40°C to 125°C
2
µA
NOTES:
4. The minimum IN operating voltage is 2.7 V or VO (typ) + 1 V, whichever is greater. The maximum IN voltage is 10 V. The minimum
output current is 10
µA and the maximum output current is 50 mA.
5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com