Electronic Components Datasheet Search
  English  ▼

X  

TPS79018DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79018DBVT
Description  ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79018DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79018DBVT Datasheet HTML 2Page - Texas Instruments TPS79018DBVT Datasheet HTML 3Page - Texas Instruments TPS79018DBVT Datasheet HTML 4Page - Texas Instruments TPS79018DBVT Datasheet HTML 5Page - Texas Instruments TPS79018DBVT Datasheet HTML 6Page - Texas Instruments TPS79018DBVT Datasheet HTML 7Page - Texas Instruments TPS79018DBVT Datasheet HTML 8Page - Texas Instruments TPS79018DBVT Datasheet HTML 9Page - Texas Instruments TPS79018DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS79015, TPS79018, TPS79025, TPS79028, TPS79030
ULTRALOW-POWER LOW-NOISE 50-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS299B – SEPTEMBER 2000 – REVISED MAY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
TPS79025
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.500
2.485
10
30
2.505
2.495
20
40
2.545
050
2.510
2.490
IO – Output Current – mA
VI = 3.5 V
Co = 4.7 µF
TJ = 25°C
Figure 2
IO – Output Current – mA
1.495
1.485
10
30
1.505
1.500
1.490
20
40
1.515
050
TPS79015
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.510
VI = 2.7 V
Co = 4.7 µF
TJ = 25°C
Figure 3
2.985
2.990
2.995
3.000
3.005
3.010
3.015
010
20
30
40
50
IO – Output Current – mA
TPS79030
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 4 V
Co = 4.7 µF
TJ = 25°C
Figure 4
TJ – Junction Temperature – °C
TPS79015
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
1.495
1.485
1.500
1.515
1.510
1.505
1.490
IO = 1 mA
VI = 2.7 V
Co = 4.7 µF
IO = 50 mA
–40
5
–25
20
35
65
110 125
50
–10
80
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com