Electronic Components Datasheet Search
  English  ▼

X  

TPS79133DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133DBVT
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79133DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79133DBVT Datasheet HTML 3Page - Texas Instruments TPS79133DBVT Datasheet HTML 4Page - Texas Instruments TPS79133DBVT Datasheet HTML 5Page - Texas Instruments TPS79133DBVT Datasheet HTML 6Page - Texas Instruments TPS79133DBVT Datasheet HTML 7Page - Texas Instruments TPS79133DBVT Datasheet HTML 8Page - Texas Instruments TPS79133DBVT Datasheet HTML 9Page - Texas Instruments TPS79133DBVT Datasheet HTML 10Page - Texas Instruments TPS79133DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TYPICAL CHARACTERISTICS
1.797
1.798
1.799
1.8
1.801
1.802
1.803
0
20
40
60
80
100
IO − Output Current − mA
TPS79118
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 2.8 V
Co = 10 µF
TJ = 25° C
1.78
1.785
1.79
1.795
1.8
1.805
1.81
1.815
1.82
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
TPS79118
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 1 mA
VI = 2.8 V
Co = 10 µF
IO = 100 mA
3.297
3.298
3.299
3.3
3.301
3.302
3.303
0
20
40
60
80
100
IO − Output Current − mA
TPS79133
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 4.3 V
Co = 10 µF
TJ = 25° C
3.27
3.28
3.29
3.3
3.31
3.32
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
TPS79133
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 100 mA
IO = 1 mA
VI = 4.3 V
Co = 10 µF
100
120
140
160
180
200
220
240
260
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
TPS79133
GROUND CURRENT
vs
JUNCTION TEMPERATURE
VI = 4.3 V
Co = 10 µF
IO = 1 mA
IO = 100 mA
100
1 k
10 k
100 k
IO = 1 mA
VI = 2.8 V
Co = 1 µF
C(byp) = 0.1 µF
IO = 100 mA
f − Frequency − Hz
TPS79118
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
100
1 k
10 k
100 k
IO = 0.1 µF
VI = 2.8 V
IO = 100 mA
Co = 10 µF
IO = 0.01 µF
f − Frequency − Hz
TPS79118
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IO = 0.001 µF
0
0.2
0.4
0.6
0.8
1
1.2
IO = 0.0047 µF
100
1 k
10 k
100 k
IO = 1 mA
VI = 2.8 V
Co = 10 µF
C(byp) = 0.1 µF
IO = 100 mA
f − Frequency − Hz
TPS79118
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
0
0.05
0.1
0.15
0.2
0.25
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
1 k
10 k
100 k
IO = 1 mA
VI = 4.3 V
Co = 1 µF
C(byp) = 0.1 µF
IO = 100 mA
f − Frequency − Hz
TPS79133
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
TPS79101-EP, TPS79118-EP
TPS79133-EP, TPS79147-EP
www.ti.com ............................................................................................................................................................ SGLS161A – APRIL 2003 – REVISED JUNE 2008
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Figure 9.
Figure 10.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS79101-EP TPS79118-EP TPS79133-EP TPS79147-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com