Electronic Components Datasheet Search
  English  ▼

X  

TPS79133DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133DBVT
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79133DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS79133DBVT Datasheet HTML 9Page - Texas Instruments TPS79133DBVT Datasheet HTML 10Page - Texas Instruments TPS79133DBVT Datasheet HTML 11Page - Texas Instruments TPS79133DBVT Datasheet HTML 12Page - Texas Instruments TPS79133DBVT Datasheet HTML 13Page - Texas Instruments TPS79133DBVT Datasheet HTML 14Page - Texas Instruments TPS79133DBVT Datasheet HTML 15Page - Texas Instruments TPS79133DBVT Datasheet HTML 16Page - Texas Instruments TPS79133DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
VI
OUT
FB
R1
R2
GND
EN
IN
TPS79101
1
µF
BYPASS
0.01
µF
1
µF
C1
22 pF
15 pF
15 pF
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
C1
31.6 k
Ω
51 k
Ω
59 k
Ω
30.1 k
Ω
30.1 k
Ω
30.1 k
Ω
≤ 0.7 V
≥ 2 V
Regulator Protection
TPS79101-EP, TPS79118-EP
TPS79133-EP, TPS79147-EP
www.ti.com ............................................................................................................................................................ SGLS161A – APRIL 2003 – REVISED JUNE 2008
Figure 34. TPS79101 Adjustable LDO Regulator Programming
The TPS791xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS791xx features internal current limiting and thermal protection. During normal operation, the TPS791xx
limits output current to approximately 400 mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package or the absolute maximum
voltage ratings of the device. If the temperature of the device exceeds approximately 165°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below approximately 140°C, regulator operation
resumes.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS79101-EP TPS79118-EP TPS79133-EP TPS79147-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com