Electronic Components Datasheet Search
  English  ▼

X  

B300AM Datasheet(PDF) 2 Page - ON Semiconductor

Part # B300AM
Description  Audio Processor for AfterMaster HD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

B300AM Datasheet(HTML) 2 Page - ON Semiconductor

  B300AM Datasheet HTML 1Page - ON Semiconductor B300AM Datasheet HTML 2Page - ON Semiconductor B300AM Datasheet HTML 3Page - ON Semiconductor B300AM Datasheet HTML 4Page - ON Semiconductor B300AM Datasheet HTML 5Page - ON Semiconductor B300AM Datasheet HTML 6Page - ON Semiconductor B300AM Datasheet HTML 7Page - ON Semiconductor B300AM Datasheet HTML 8Page - ON Semiconductor B300AM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BelaSigna 300 with AfterMaster HD
www.onsemi.com
2
Figures and Data
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Voltage at any input pin
−0.3
2.0
V
Operating supply voltage (Note 1)
0.9
2.0
V
Operating temperature range (Note 2)
−40
85
°C
Storage temperature range
−55
85
°C
Caution: Class 2 ESD Sensitivity, JESD22−A114−B (2000 V)
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Functional operation only guaranteed below 0
°C for digital core (VDDC) and system voltages above 1.0 V.
2. Parameters may exceed listed tolerances when out of the temperature range 0 to 50
°C.
Electrical Performance Specifications
The tests were performed at 20
°C with a clean 1.8 V supply voltage. BelaSigna 300 AM was running in high voltage mode (VDDC
= 1.8 V unless otherwise noted). The system clock (SYS_CLK) was generated externally at 38 MHz.
Parameters marked as screened are tested on each chip. Other parameters are qualified but not tested on every part.
Table 2. ELECTRICAL SPECIFICATIONS
Description
Symbol
Conditions
Min
Typ
Max
Units
Screened
OVERALL
Supply voltage
VBAT
1.8
2.0
V
√
Current consumption
IBAT
AfterMaster HD @ Fs= 48 kHz
−
8
−
mA
√
Fs = 44.1 kHz
−
7
−
mA
√
Fs =16 kHz
−
3
−
mA
√
Fs = 8 kHz
−
2
−
mA
VREG (1
mF External Capacitor) Measurement at VDDC = 1.0 V, Low voltage mode
Regulated voltage output
VREG
0.95
1.00
1.05
V
√
Regulator PSRR
VREG_PSRR
1 kHz
50
55
−
dB
Load current
ILOAD
−
−
2
mA
Load regulation
LOADREG
−
6.1
6.5
mV/mA
√
Line regulation
LINEREG
−
2
5
mV/V
VDBL (1
mF External Capacitor) Measurement at VDDC = 1.0 V, Low voltage mode
Regulated doubled voltage
output
VDBL
1.9
2.0
2.1
V
√
Regulator PSRR
VDBLPSRR
1 kHz
35
41
−
dB
Load current
ILOAD
−
−
2.5
mA
Load regulation
LOADREG
−
7
10
mV/mA
√
Line regulation
LINEREG
−
10
20
mV/V
VDDC (1
mF External Capacitor) Measurement at VDDC = 1.0 V, Low voltage mode
Digital supply voltage output
VDDC
Configured by a control register
0.79
0.95
1.25
V
√
VDDC output level adjustment
VDDCSTEP
27
29
31
mV
Regulator PSRR
VDDCPSRR
1 kHz
25
25.5
26
dB
Load current
ILOAD
−
−
3.5
mA
Load regulation
LOADREG
−
3
12
mV/mA
√
Line regulation
LINEREG
−
3
8
mV/V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com