Electronic Components Datasheet Search
  English  ▼

X  

B300AM Datasheet(PDF) 3 Page - ON Semiconductor

Part # B300AM
Description  Audio Processor for AfterMaster HD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

B300AM Datasheet(HTML) 3 Page - ON Semiconductor

  B300AM Datasheet HTML 1Page - ON Semiconductor B300AM Datasheet HTML 2Page - ON Semiconductor B300AM Datasheet HTML 3Page - ON Semiconductor B300AM Datasheet HTML 4Page - ON Semiconductor B300AM Datasheet HTML 5Page - ON Semiconductor B300AM Datasheet HTML 6Page - ON Semiconductor B300AM Datasheet HTML 7Page - ON Semiconductor B300AM Datasheet HTML 8Page - ON Semiconductor B300AM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BelaSigna 300 with AfterMaster HD
www.onsemi.com
3
Table 2. ELECTRICAL SPECIFICATIONS (continued)
Description
Screened
Units
Max
Typ
Min
Conditions
Symbol
POWER−ON−RESET (POR)
POR startup voltage
VDDCSTARTUP
0.775
0.803
0.837
V
POR shutdown voltage
VDDCSHUTDOWN
0.755
0.784
0.821
V
POR hysteresis
PORHYSTERESIS
13.8
19.1
22.0
mV
POR duration
TPOR
11.0
11.6
12.3
ms
DIGITAL PADS
Voltage level for high input
VIH
VBAT
* 0.8
−
−
V
√
Voltage level for low input
VIL
−
−
VBAT
* 0.2
V
√
Voltage level for high output
VOH
2 mA source current
VDDO
* 0.8
−
−
V
√
Voltage level for low output
VOL
2 mA sink current
−
−
VDDO
* 0.2
V
√
Input capacitance for digital
pads
CIN
−
4
−
pF
Pull−up resistance for digital
input pads
RUP_IN
220
270
320
k
W
√
Pull−down resistance for
digital input pads
RDOWN_IN
220
270
320
k
W
√
Sample rate tolerance
FS
Sample rate of 16 kHz or 32 kHz
−1
±0
+1
%
Rise and fall time
Tr, Tf
Digital output pad
ESD
Human Body Model (HBM)
2
kV
Machine Model (MM)
200
V
Latch−up
V < GNDC, V > VBAT
200
mA
DIGITAL INTERFACES
I2C baud rate
System clock < 1.6 MHz
−
−
100
kbps
System clock > 1.6 MHz
−
−
400
kbps
General−purpose UART
baud rate
System clock
≥ 5.12 MHz
−
1
−
Mbps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com