Electronic Components Datasheet Search
  English  ▼

X  

DP7241 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7241
Description  Quad Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7241 Datasheet(HTML) 1 Page - Copal Electronics

  DP7241 Datasheet HTML 1Page - Copal Electronics DP7241 Datasheet HTML 2Page - Copal Electronics DP7241 Datasheet HTML 3Page - Copal Electronics DP7241 Datasheet HTML 4Page - Copal Electronics DP7241 Datasheet HTML 5Page - Copal Electronics DP7241 Datasheet HTML 6Page - Copal Electronics DP7241 Datasheet HTML 7Page - Copal Electronics DP7241 Datasheet HTML 8Page - Copal Electronics DP7241 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DP7241
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2011 Rev. P
Characteristics subject to change without notice
Quad Digital Potentiometer (DP) with
64 Taps and 2-wire Interface
FEATURES
Four linear-taper digital potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k , 10k , 50k
or
100k
Potentiometer control and memory access via
2-wire interface (I
2C like)
Low wiper resistance, typically 80W
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
20-lead SOIC and TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC 20 Lead (W)
TSSOP 20 Lead (Y)
RW0
120 VCC
RL0
219 RW3
RH0
318 RL3
A0
417 RH3
A2
516 A1
RW1
615 A3
RL1
714 SCL
RH1
813 RW2
SDA
912 RL2
GND
10
11 RH2
CAT
5241
DESCRIPTION
The
DP7241
is
four
Digital
Potentiometers
(DPs) integrated with control logic and 16 bytes
of NVRAM memory. Each DP consists of a series
of
63
resistive
elements
connected
between
two
externally
accessible
end
points.
The
tap
points between each resistive element are connected
to the wiper outputs with CMOS switches. A separate
6-bit control register (WCR) independently controls
the wiper tap switches for each DP. Associated with
each wiper control register are four 6-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a 2-wire
serial bus (I
2C-like). On power-up, the contents of the
first data register (DR0) for each of the four
potentiometers
is
automatically
loaded
into
its
respective wiper control register (WCR).
The DP7241 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
SCL
SDA
A0
A1
A2
A3
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
2-WIRE BUS
INTERFACE
RW2
RH2
RL2
RW3
RH3
RL3


Similar Part No. - DP7241

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
Quad Digital Potentiometers
DP7261 COPAL-DP7261 Datasheet
165Kb / 15P
Dual Digital Potentiometers
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
Dual Digital Potentiometers
More results

Similar Description - DP7241

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
Copal Electronics
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com