Electronic Components Datasheet Search
  English  ▼

X  

DP7241 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7241
Description  Quad Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7241 Datasheet(HTML) 4 Page - Copal Electronics

  DP7241 Datasheet HTML 1Page - Copal Electronics DP7241 Datasheet HTML 2Page - Copal Electronics DP7241 Datasheet HTML 3Page - Copal Electronics DP7241 Datasheet HTML 4Page - Copal Electronics DP7241 Datasheet HTML 5Page - Copal Electronics DP7241 Datasheet HTML 6Page - Copal Electronics DP7241 Datasheet HTML 7Page - Copal Electronics DP7241 Datasheet HTML 8Page - Copal Electronics DP7241 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DP7241
Doc. No. MD-2011 Rev. P
4
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
ICC
Power Supply Current
fSCL = 400kHz
1
mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC;
SDA = GND; RWX =GND
(2)
1µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
V
1
-
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
CC x 0.3
V
VIH
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
CC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL = 3 mA
0.4
V
CAPACITANCE
TA = 25°C, f = 1.0MHz, VCC =5V
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
CI/O
(1)
Input/Output Capacitance (SDA)
VI/O =0V
8
pF
CIN
(1)
Input Capacitance (A0, A1, A2, A3, SCL)
VIN =0V
6
pF
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
fSCL
z
H
k
0
0
4
y
c
n
e
u
q
e
r
F
k
c
o
l
C
TI
(1)
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
s
µ
9
.
0
t
u
O
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
C
L
S
tBUF
(1)
Time the Bus Must Be Free Before a New Transmission Can Start
1.2
µs
tHD:STA
s
µ
6
.
0
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S
tLOW
s
µ
2
.
1
d
o
i
r
e
P
w
o
L
k
c
o
l
C
tHIGH
s
µ
6
.
0
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C
tSU:STA
Start Condition Setup Time (For a Repeated Start Condition)
0.6
µs
tHD:DAT
s
n
0
e
m
i
T
d
l
o
H
n
i
a
t
a
D
tSU:DAT
s
n
0
0
1
e
m
i
T
p
u
t
e
S
n
i
a
t
a
D
tR
(1)
s
µ
3
.
0
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S
tF
(1)
s
n
0
0
3
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S
tSU:STO
s
µ
6
.
0
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S
tDH
s
n
0
5
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D
POWER UP TIMING
(1)
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tPUR
s
m
1
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
u
-
r
e
w
o
P
tPUW
s
m
1
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
u
-
r
e
w
o
P
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
All four wiper terminals RW0, RW1,RW2, and RW3 are tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com