Electronic Components Datasheet Search
  English  ▼

X  

DP7419 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7419
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7419 Datasheet(HTML) 1 Page - Copal Electronics

  DP7419 Datasheet HTML 1Page - Copal Electronics DP7419 Datasheet HTML 2Page - Copal Electronics DP7419 Datasheet HTML 3Page - Copal Electronics DP7419 Datasheet HTML 4Page - Copal Electronics DP7419 Datasheet HTML 5Page - Copal Electronics DP7419 Datasheet HTML 6Page - Copal Electronics DP7419 Datasheet HTML 7Page - Copal Electronics DP7419 Datasheet HTML 8Page - Copal Electronics DP7419 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DP7419
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2115 Rev. H
Characteristics subject to change without notice
Dual Digital Potentiometers (DP)
with 64 Taps and 2-wire Interface
FEATURES
Two linear-taper digital potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k , 10k , 50k
or
100k
Potentiometer control and memory access via
2-wire Interface (I
2C like)
Low wiper resistance, typically 80
Four non-volatile wiper settings for each
potentiometer
Recall of wiper settings at power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP
Write protection for data register
PIN CONFIGURATION
SOIC (W)
(top view)
VCC
124 NC
RL0
223 NC
RH0
322 NC
RW0
421 NC
A2
520 A0
WP
¯¯¯
619 NC
SDA
718 A3
A1
817 SCL
RL1
916 NC
RH1
10
15 NC
RW1
11
14 NC
GND
12
13 NC
CAT
5419
TSSOP (Y)
(top view)
SDA
124 WP
¯¯¯
A1
223 A2
RL1
322 RW0
RH1
421 RH0
RW1
520 RL0
GND
619 VCC
NC
718 NC
NC
817 NC
NC
916 NC
NC
10
15 NC
SCL
11
14 A0
A3
12
13 NC
CAT
5419
DESCRIPTION
The DP7419 is two Digital Potentiometers (DPs)
integrated
with
control
logic
and
16
bytes
of
NVRAM memory.
A separate 6-bit control register (WCR) independently
controls
the
wiper
tap
position
for
each
DP.
Associated with each wiper control register are four 6-
bit non-volatile memory data registers (DR) used for
storing up to four wiper settings. Writing to the wiper
control register or any of the non-volatile data regis-
ters is via a 2-wire serial bus (I
2C-like). On power-up,
the contents of the first data register (DR0) for each of
the two potentiometers is automatically loaded into its
respective wiper control registers (WCR).
The Write Protection (WP
¯¯¯) pin protects against
inadvertent programming of the data register.
The DP7419 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
For Ordering Information details, see page 15.
RW0
RW1
RH0
SDA
SCL
A0
A1
A2
A3
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
2-WIRE BUS
INTERFACE
WP


Similar Part No. - DP7419

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
Dual Digital Potentiometers
More results

Similar Description - DP7419

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820 INTERSIL-X95820 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
September 26, 2005
X95820 INTERSIL-X95820_06 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
July 18, 2006
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Analog Devices
AD8400 AD-AD8400_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
Digital Potentiometers
DP7261 COPAL-DP7261 Datasheet
165Kb / 15P
Dual Digital Potentiometers
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
Dual Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com