Electronic Components Datasheet Search
  English  ▼

X  

DP7419 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7419
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7419 Datasheet(HTML) 4 Page - Copal Electronics

  DP7419 Datasheet HTML 1Page - Copal Electronics DP7419 Datasheet HTML 2Page - Copal Electronics DP7419 Datasheet HTML 3Page - Copal Electronics DP7419 Datasheet HTML 4Page - Copal Electronics DP7419 Datasheet HTML 5Page - Copal Electronics DP7419 Datasheet HTML 6Page - Copal Electronics DP7419 Datasheet HTML 7Page - Copal Electronics DP7419 Datasheet HTML 8Page - Copal Electronics DP7419 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DP7419
Doc. No. MD-2115 Rev. H
4
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
ICC
Power Supply Current
fSCL
A
m
1
z
H
k
0
0
4
=
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SDA Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
V
1
-
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
CC x 0.3
V
VIH
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
CC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL
V
4
.
0
A
m
3
=
PIN CAPACITANCE
(1)
Applicable over recommended operating range from TA = 25?C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
s
n
o
i
t
i
d
n
o
C
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
CI/O
V
F
p
8
)
A
D
S
(
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
I/O =0V
CIN
Input Capacitance (A0, A1, A2, A3, SCL, WP
¯¯¯)
6pF
VIN =0V
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
fSCL
Clock Frequency
400
kHz
TI
(1)
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
SLC Low to SDA Data Out and ACK Out
0.9
µs
tBUF
(1)
Time the bus must be free before a new transmission can start
1.2
µs
tHD:STA
6
.
0
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S
µs
tLOW
2
.
1
d
o
i
r
e
P
w
o
L
k
c
o
l
C
µs
tHIGH
6
.
0
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
0.6
µs
tHD:DAT
0
e
m
i
T
d
l
o
H
n
i
a
t
a
D
ns
tSU:DAT
0
0
1
e
m
i
T
p
u
t
e
S
n
i
a
t
a
D
ns
tR
(1)
SDA and SCL Rise Time
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
ns
tSU:STO
6
.
0
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S
µs
tDH
0
5
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D
ns
POWER UP TIMING
(1)
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com