Electronic Components Datasheet Search
  English  ▼

X  

F17FA Datasheet(PDF) 1 Page - Copal Electronics

Part # F17FA
Description  BRUSHLESS DC FAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F17FA Datasheet(HTML) 1 Page - Copal Electronics

  F17FA Datasheet HTML 1Page - Copal Electronics F17FA Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BRUSHLESS DC FAN
F17FA
■ FEATURES
■ APPLICATIONS
O 17 x 17 x 5 mm miniature fan.
O Proprietary impeller design provides high air flow and
quiet operation. (0.01m³/min, 5dB(A) at 7000rpm)
O Video equipments
O Information systems
O Telecommunication equipments
RoHS compliant
■ PART NUMBER DESIGNATION
F 1 7 F A - 0 3 M C
Series name
Bearing
Power supply
Air flow
M:0.01 m
3/min
03:DC3.3 V
1 sleeve bearing
■ LIST OF PART NUMBERS
Power supply
DC3.3 V
F17FA-03MC
Part number
※ Verify the above part numbers when placing orders.


Similar Part No. - F17FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1700AA03 ETC2-F1700AA03 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700AA06 ETC2-F1700AA06 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700AA10 ETC2-F1700AA10 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700AA20 ETC2-F1700AA20 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700BB03 ETC2-F1700BB03 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
More results

Similar Description - F17FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL ETC1-1004KL Datasheet
64Kb / 1P
Brushless Fan
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Copal Electronics
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
List of Unclassifed Man...
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
DC BRUSHLESS FAN
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
DC BRUSHLESS FAN
logo
NMB Technologies Corpor...
06025SE NMB-06025SE Datasheet
367Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 Rev. 1.1
08025SE NMB-08025SE Datasheet
351Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 Rev. 1.1
09225SE NMB-09225SE Datasheet
353Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 - Rev. 1.1
11925SE NMB-11925SE Datasheet
360Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 - Rev. 1.1
logo
List of Unclassifed Man...
EEC0384B2-000U-A99 ETC-EEC0384B2-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com