Electronic Components Datasheet Search
  English  ▼

X  

F17FA Datasheet(PDF) 2 Page - Copal Electronics

Part # F17FA
Description  BRUSHLESS DC FAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F17FA Datasheet(HTML) 2 Page - Copal Electronics

  F17FA Datasheet HTML 1Page - Copal Electronics F17FA Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F17FA
MINIATURE BRUSHLESS DC FAN MOTORS
■ STANDARD SPECIFICATIONS
■ OUTLINE DIMENSIONS
(Unit: mm)
■ AIR FLOW PERFORMANCE CURVES
Item
F17FA-03MC
DC3.3 V
3.1 ~ 3.5 V
0.07 A
7000 min
-1
0.01 m
3/min
6 Pa
5 dB (A)
0 ~ +60 °C (35 ~ 85 %RH)
–10 ~ +70 °C (35 ~ 85 %RH)
Approx. 1.5 g
Rated voltage
Voltage range
Rated current
Rotating speed
Air flow
Static pressure
Noise
Use environment
Storage environment
Net weight
※The specifications above are typical values measured on the conditions of no-loading running with rated voltage in the circumstances
of 25 °C
± 2 °C, 35~ 85 %RH. Please contact us if you would liketo check the specifications in different circumstances.
Air Flow (m
3/min)
※ Data in our measuring instrument
Air Flow (CFM)
3 –
2
13.5
±0.1
□17
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com