Electronic Components Datasheet Search
  English  ▼

X  

LM4666 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4666
Description  Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4666 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4666 Datasheet HTML 1Page - National Semiconductor (TI) LM4666 Datasheet HTML 2Page - National Semiconductor (TI) LM4666 Datasheet HTML 3Page - National Semiconductor (TI) LM4666 Datasheet HTML 4Page - National Semiconductor (TI) LM4666 Datasheet HTML 5Page - National Semiconductor (TI) LM4666 Datasheet HTML 6Page - National Semiconductor (TI) LM4666 Datasheet HTML 7Page - National Semiconductor (TI) LM4666 Datasheet HTML 8Page - National Semiconductor (TI) LM4666 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note1)
6.0V
Storage Temperature
−65˚C to +150˚C
Voltage at Any Input Pin
V
DD + 0.3V
≥ V ≥ GND - 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility,
pins 4, 7, 11, 14 (Note 4)
1kV
ESD Susceptibility,
all other pins (Note 4)
2.0kV
ESD Susceptibility (Note 5)
200V
Junction Temperature (T
J)
150˚C
Thermal Resistance
θ
JA (SDA)
63˚C/W
θ
JC (SDA)
12˚C/W
Soldering Information
See AN-1112 "microSMD Wafers Level Chip Scale
Package."
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.8V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V
(Notes 1, 2)
The following specifications apply for V
DD = 5V and RL =15µH+8
Ω + 15µH unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4666
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, No Load
V
IN = 0V, RL =15µH+8
Ω + 15µH
15
16
mA
mA
I
SD
Shutdown Current
V
SD = GND (Note 9)
0.02
µA
V
SDIH
Shutdown Voltage Input High
1.2
V
V
SDIL
Shutdown Voltage Input Low
1.1
V
V
GSIH
Gain Select Input High
1.2
V
V
GSIL
Gain Select Input Low
1.1
V
A
V
Closed Loop Gain
V
Gain Select =VDD
6dB
A
V
Closed Loop Gain
V
Gain Select = GND
12
dB
V
OS
Output Offset Voltage
10
mV
T
WU
Wake-up Time
6
ms
P
o
Output Power
THD = 1% (max), f = 1kHz,
22kHz BW
1.2
W
THD+N
Total Harmonic Distortion+Noise
P
O = 100mWRMS/Channel,
f
IN = 1kHz, 22kHz BW,
Both channels in phase
0.65
%
X
TALK
Channel Separation
P
O = 100mWRMS, f = 1kHz
57
dB
R
IN
Differential Input Resistance
V
Gain Select =VDD
90
k
V
Gain Select = GND
60
k
PSRR
Power Supply Rejection Ratio
V
Ripple = 100mVRMS sine wave,
f
RIPPLE = 217Hz
Inputs terminated to AC GND
60
dB
V
Ripple = 100mVRMS sine wave,
f
RIPPLE = 217Hz
P
OUT = 10mW,1kHz
65
dB
CMRR
Common Mode Rejection Ratio
V
Ripple = 100mVRMS,
f
Ripple = 217Hz, Input referred
48
dB
SNR
Signal to Noise Ratio
P
O =1WRMS; A-Weighted Filter
83
dB
e
OUT
Output Noise
A-Weighted filter, V
in = 0V
200
µV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com