Electronic Components Datasheet Search
  English  ▼

X  

MAX1179BCUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1179BCUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179BCUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1179BCUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 9Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 10Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 11Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 12Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 13Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 14Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
etc. SNR is computed by taking the ratio of the RMS
signal to the RMS noise, which includes all spectral
components minus the fundamental, the first five har-
monics, and the DC offset.
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the
fundamental input frequency’s RMS amplitude to the
RMS equivalent of all the other ADC output signals.
Effective Number of Bits
Effective number of bits (ENOB) indicates the global
accuracy of an ADC at a specific input frequency and
sampling rate. An ideal ADC’s error consists of quanti-
zation noise only. With an input range equal to the full-
scale range of the ADC, calculate the effective number
of bits as follows:
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of the first five harmonics of the input signal to the
fundamental itself. This is expressed as:
where V1 is the fundamental amplitude and V2 through
V5 are the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next largest fre-
quency component.
Chip Information
TRANSISTOR COUNT: 15,383
PROCESS: BiCMOS
THD
=
×


20
log
V+ V+ V+ V
V
2
2
3
2
4
2
5
2
1
E
SINAD - 1.76
NOB
= 


602
.
SINAD db
Signal
Noise
Distortion
RMS
RMS
()
()
=×
+


20
log
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
______________________________________________________________________________________
13
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
INPUT VOLTAGE
RANGE
INL (LSB)
MAX1179CCUI
0°C to +70°C
28 TSSOP
±5V
±4
MAX1179AEUI
-40°C to +85°C
28 TSSOP
±5V
±2
MAX1179BEUI
-40°C to +85°C
28 TSSOP
±5V
±2
MAX1179CEUI
-40°C to +85°C
28 TSSOP
±5V
±4
MAX1187ACUI
0°C to +70°C
28 TSSOP
0 to +10V
±2
MAX1187BCUI
0°C to +70°C
28 TSSOP
0 to +10V
±2
MAX1187CCUI
0°C to +70°C
28 TSSOP
0 to +10V
±4
MAX1187AEUI
-40°C to +85°C
28 TSSOP
0 to +10V
±2
MAX1187BEUI
-40°C to +85°C
28 TSSOP
0 to +10V
±2
MAX1187CEUI
-40°C to +85°C
28 TSSOP
0 to +10V
±4
MAX1189ACUI
0°C to +70°C
28 TSSOP
±10V
±2
MAX1189BCUI
0°C to +70°C
28 TSSOP
±10V
±2
MAX1189CCUI
0°C to +70°C
28 TSSOP
±10V
±4
MAX1189AEUI*
-40°C to +85°C
28 TSSOP
±10V
±2
MAX1189BEUI*
-40°C to +85°C
28 TSSOP
±10V
±2
MAX1189CEUI*
-40°C to +85°C
28 TSSOP
±10V
±4
*Future product—contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com