Electronic Components Datasheet Search
  English  ▼

X  

MAX1179BCUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1179BCUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179BCUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1179BCUI Datasheet HTML 3Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 4Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 9Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 10Page - Maxim Integrated Products MAX1179BCUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Detailed Description
Converter Operation
The MAX1179/MAX1187/MAX1189 use a successive-
approximation (SAR) conversion technique with an
inherent track-and-hold (T/H) stage to convert an ana-
log input into a 16-bit digital output. Parallel outputs
provide a high-speed interface to microprocessors
(µPs). The Functional Diagram at the end of the data
sheet shows a simplified internal architecture of the
MAX1179/MAX1187/MAX1189. Figure 3 shows a typical
application circuit for the MAX1179/MAX1187/MAX1189.
Analog Input
Input Scaler
The MAX1179/MAX1187/MAX1189 have an input scaler
which allows conversion of true bipolar input voltages
and input voltages greater than the power supply, while
operating from a single +5V analog supply. The input
scaler attenuates and shifts the analog input to match
the input range of the internal DAC. The MAX1179 input
voltage range is ±5V, while the MAX1189 input voltage
range is ±10V. The MAX1187 has a unipolar input volt-
age range of 0 to +10V. Figure 4 shows the equivalent
input circuit of the MAX1179/MAX1187/MAX1189. This
circuit limits the current going into or out of AIN to less
than 1.8mA.
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
FUNCTION
15
REFADJ
Reference Buffer Output. Bypass REFADJ with a 0.1µF capacitor to AGND for internal reference
mode. Connect REFADJ to AVDD to select external reference mode.
16
REF
Reference Input/Output. Bypass REF with a 10µF capacitor to AGND. REF is the external reference
input when in external reference mode.
17
RESET
Reset Input. Logic high resets the device.
18
CS
Convert Start. The first falling edge of CS powers up the device and enables acquisition when R/C
is low. The second falling edge of CS starts conversion. The third falling edge of CS loads the result
onto the bus when R/C is high.
19
DGND
Digital Ground
20
DVDD
Digital Supply Voltage. Bypass with a 0.1µF capacitor to DGND.
21
D0
Three-State Digital Data Output (LSB)
22
D1
Three-State Digital Data Output
23
D2
Three-State Digital Data Output
24
D3
Three-State Digital Data Output
25
D4
Three-State Digital Data Output
26
D5
Three-State Digital Data Output
27
D6
Three-State Digital Data Output
28
D7
Three-State Digital Data Output
Figure 1. Load Circuits
1mA
DGND
HIGH-Z TO VOH,
VOL TO VOH, AND
VOH TO HIGH-Z
CLOAD = 20pF
D0–D15
A)
1mA
DVDD
DGND
HIGH-Z TO VOL,
VOH TO VOL, AND
VOL TO HIGH-Z
CLOAD = 20pF
D0–D15
B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com