Electronic Components Datasheet Search
  English  ▼

X  

TLS810B1 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLS810B1 Datasheet HTML 1Page - Infineon Technologies AG TLS810B1 Datasheet HTML 2Page - Infineon Technologies AG TLS810B1 Datasheet HTML 3Page - Infineon Technologies AG TLS810B1 Datasheet HTML 4Page - Infineon Technologies AG TLS810B1 Datasheet HTML 5Page - Infineon Technologies AG TLS810B1 Datasheet HTML 6Page - Infineon Technologies AG TLS810B1 Datasheet HTML 7Page - Infineon Technologies AG TLS810B1 Datasheet HTML 8Page - Infineon Technologies AG TLS810B1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
3
Rev. 1.0, 2015-11-02
TLS810B1LDV50
Overview
Description
The TLS810B1 is a linear voltage regulator featuring wide input voltage range, low drop out voltage and ultra
low quiescent current.
With an input voltage range of 2.75 V to 42 V and ultra low quiescent of only 5.5 µA, the regulator is perfectly
suitable for automotive or any other supply systems connected permanently to the battery.
The TLS810B1LDV50 is the fixed 5 V output version with an accuracy of 2 % and output current capability up
to 100 mA.
The new regulation concept implemented in TLS810B1 combines fast regulation and very good stability while
requiring only a small ceramic capacitor of 1 μF at the output.
The tracking region starts already at input voltages of 2.75 V (extended operating range). This makes the
TLS810B1 also suitable to supply automotive systems that need to operate during cranking condition.
Internal protection features like output current limitation and overtemperature shutdown are implemented
to protect the device against immediate damage due to failures like output short circuit to GND, over-current
and over-temperature.
The device can be switched on and off by the Enable feature. When the device is switched off, the current
consumption is typically less than 1 µA.
Choosing External Components
An input capacitor CI is recommended to compensate line influences. The output capacitor CQ is necessary for
the stability of the regulating circuit. Stability is guaranteed at values CQ≥ 1µF and an ESR ≤ 100 Ω within the
whole operating range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com