Electronic Components Datasheet Search
  English  ▼

X  

TLS810B1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 3Page - Infineon Technologies AG TLS810B1 Datasheet HTML 4Page - Infineon Technologies AG TLS810B1 Datasheet HTML 5Page - Infineon Technologies AG TLS810B1 Datasheet HTML 6Page - Infineon Technologies AG TLS810B1 Datasheet HTML 7Page - Infineon Technologies AG TLS810B1 Datasheet HTML 8Page - Infineon Technologies AG TLS810B1 Datasheet HTML 9Page - Infineon Technologies AG TLS810B1 Datasheet HTML 10Page - Infineon Technologies AG TLS810B1 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
7
Rev. 1.0 2015-11-02
TLS810B1LDV50
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings1)
Tj = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production testing, specified by design.
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Voltage Input I, Enable EN
Voltage
VI, VEN
-0.3
–
45
V
–
P_4.1.1
Voltage Output Q
Voltage
VQ
-0.3
–
7
V
–
P_4.1.2
Temperatures
Junction Temperature
Tj
-40
–
150
°C
–
P_4.1.3
Storage Temperature
Tstg
-55
–
150
°C
–
P_4.1.4
ESD Absorption
ESD Susceptibility to GND
VESD,HBM -2
–
2
kV
HBM2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
P_4.1.5
ESD Susceptibility to GND
VESD,CDM -750
–
750
V
CDM3) at all pins
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
P_4.1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com