Electronic Components Datasheet Search
  English  ▼

X  

MAX5451 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5451
Description  Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5451 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5451 Datasheet HTML 1Page - Maxim Integrated Products MAX5451 Datasheet HTML 2Page - Maxim Integrated Products MAX5451 Datasheet HTML 3Page - Maxim Integrated Products MAX5451 Datasheet HTML 4Page - Maxim Integrated Products MAX5451 Datasheet HTML 5Page - Maxim Integrated Products MAX5451 Datasheet HTML 6Page - Maxim Integrated Products MAX5451 Datasheet HTML 7Page - Maxim Integrated Products MAX5451 Datasheet HTML 8Page - Maxim Integrated Products MAX5451 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual, 256-Tap, Up/Down Interface,
Digital Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CS_, INC_, and U/D_ to GND...................................-0.3V to +6V
H_, L_, W_ to GND ......................................-0.3V to (VDD +0.3V)
Maximum Continuous Current into H_, L_, and W_............±1mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 6.94mW/°C above +70°C) ..........555mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ..........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, VH = VDD, VL = 0; TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = +5V, TA = +25°C,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Voltage-Divider Mode, MAX5451/MAX5453/MAX5455 Only)
Resolution
N
8
Bits
VDD = +5V
±1
Integral Nonlinearity
(Notes 1 and 2)
INL
VDD = +3V
±1
LSB
VDD = +5V
±1
Differential Nonlinearity
(Notes 1 and 2)
DNL
VDD = +3V
±1
LSB
End-to-End Resistor Tempco
TCR
35
ppm/
°C
Ratiometric Resistor Tempco
5
ppm/
°C
MAX5451
-8
MAX5453
-1.6
Full-Scale Error
MAX5455
-0.8
LSB
MAX5451
+8
MAX5453
+1.6
Zero-Scale Error
MAX5455
+0.8
LSB
DC PERFORMANCE (Variable Resistor Mode)
Resolution
N
8
Bits
MAX5450, MAX5451
±3
VDD = +5V
MAX5452–MAX5455
±1
MAX5450, MAX5451
±4.5
Integral Nonlinearity
(Notes 1 and 3)
INL
VDD = +3V
MAX5452–MAX5455
±2
LSB
VDD = +5V
±1
Differential Nonlinearity
(Notes 1 and 3)
DNL
VDD = +3V
±1
LSB
DC PERFORMANCE (Resistor Characteristics)
VDD = +5V
225
Wiper Resistance (Note 4)
RW
VDD = +3V
550
Ω
Wiper Capacitance
CW
10
pF
MAX5450, MAX5451
6.5
10
12.5
MAX5452, MAX5453
32
50
62.5
End-To-End Resistance
RHL
MAX5454, MAX5455
60
100
125
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com