Electronic Components Datasheet Search
  English  ▼

X  

MAX5451 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5451
Description  Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5451 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5451 Datasheet HTML 1Page - Maxim Integrated Products MAX5451 Datasheet HTML 2Page - Maxim Integrated Products MAX5451 Datasheet HTML 3Page - Maxim Integrated Products MAX5451 Datasheet HTML 4Page - Maxim Integrated Products MAX5451 Datasheet HTML 5Page - Maxim Integrated Products MAX5451 Datasheet HTML 6Page - Maxim Integrated Products MAX5451 Datasheet HTML 7Page - Maxim Integrated Products MAX5451 Datasheet HTML 8Page - Maxim Integrated Products MAX5451 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual, 256-Tap, Up/Down Interface,
Digital Potentiometers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)
160
200
180
240
220
280
260
300
0
2.0
1.0
3.0
4.0
0.5
2.5
1.5
3.5
4.5 5.0
WIPER VOLTAGE (V)
WIPER RESISTANCE
vs. WIPER VOLTAGE (10k
Ω)
VDD = +3V
VDD = +5V
160
200
180
260
240
220
280
300
360
340
320
380
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
WIPER RESISTANCE
vs. WIPER VOLTAGE (50k
Ω)
WIPER VOLTAGE (V)
VDD = +3V
VDD = +5V
160
200
180
260
240
220
280
300
360
340
320
380
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
WIPER RESISTANCE
vs. WIPER VOLTAGE (100k
Ω)
WIPER VOLTAGE (V)
VDD = +3V
VDD = +5V
400
0
2
1
4
3
6
5
7
9
8
10
064
96
32
128 160 192 224 256
WIPER RESISTANCE
vs. WIPER POSITION (10k
Ω)
WIPER POSITION
0
10
5
20
15
30
25
35
45
40
50
064
96
32
128 160 192 224 256
WIPER RESISTANCE
vs. WIPER POSITION (50k
Ω)
WIPER POSITION
0
20
10
40
30
60
50
70
90
80
100
064
96
32
128 160 192 224 256
WIPER RESISTANCE
vs. WIPER POSITION (100k
Ω)
WIPER POSITION
-0.05
0.00
0.10
0.05
0.15
0.20
064
96
32
128 160 192 224 256
VARIABLE RESISTOR DNL
vs. WIPER POSITION (10k
Ω)
WIPER POSITION
-0.30
-0.10
-0.20
0.10
0.00
0.20
0.30
0.40
0.50
064
96
32
128 160 192 224 256
VARIABLE RESISTOR INL
vs. WIPER POSITION (MAX5451)
WIPER POSITION
-0.03
-0.01
-0.02
0.02
0.01
0.00
0.05
0.04
0.03
0.06
064
96
32
128 160 192 224 256
VARIABLE RESISTOR DNL
vs. WIPER POSITION (50k
Ω)
WIPER POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com