Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2403AVFS Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320LF2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2403AVFS Datasheet(HTML) 4 Page - Texas Instruments

  TMS320LF2403AVFS Datasheet HTML 1Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 2Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 3Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 4Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 5Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 6Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 7Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 8Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description
The TMS320LF240xA and TMS320LC240xA devices, new members of the TMS320C24x
 generation of
digital signal processor (DSP) controllers, are part of the TMS320C2000
 platform of fixed-point DSPs. The
240xA devices offer the enhanced TMS320
 DSP architectural design of the C2xx core CPU for low-cost,
low-power, and high-performance processing capabilities. Several advanced peripherals, optimized for digital
motor and motion control applications, have been integrated to provide a true single-chip DSP controller. While
code-compatible with the existing C24x
 DSP controller devices, the 240xA offers increased processing
performance (40 MIPS) and a higher level of peripheral integration. See the TMS320x240xA Device Summary
section for device-specific features.
The 240xA generation offers an array of memory sizes and different peripherals tailored to meet the specific
price/performance points required by various applications. Flash devices of up to 32K words offer a
cost-effective reprogrammable solution for volume production. The 240xA devices offer a password-based
“code security” feature which is useful in preventing unauthorized duplication of proprietary code stored in
on-chip Flash/ROM. Note that Flash-based devices contain a 256-word boot ROM to facilitate in-circuit
programming. The 240xA family also includes ROM devices that are fully pin-to-pin compatible with their Flash
counterparts.
All 240xA devices offer at least one event manager module which has been optimized for digital motor control
and power conversion applications. Capabilities of this module include center- and/or edge-aligned PWM
generation, programmable deadband to prevent shoot-through faults, and synchronized analog-to-digital
conversion. Devices with dual event managers enable multiple motor and/or converter control with a single
240xA DSP controller. Select EV pins have been provided with an “input-qualifier” circuitry, which minimizes
inadvertent pin-triggering by glitches.
The high-performance, 10-bit analog-to-digital converter (ADC) has a minimum conversion time of 375 ns and
offers up to 16 channels of analog input. The autosequencing capability of the ADC allows a maximum of
16 conversions to take place in a single conversion session without any CPU overhead.
A serial communications interface (SCI) is integrated on all devices to provide asynchronous communication
to other devices in the system. For systems requiring additional communication interfaces, the 2407A, 2406A,
2404A, and 2403A offer a 16-bit synchronous serial peripheral interface (SPI). The 2407A, 2406A, and 2403A
offer a controller area network (CAN) communications module that meets 2.0B specifications. To maximize
device flexibility, functional pins are also configurable as general-purpose inputs/outputs (GPIOs).
To streamline development time, JTAG-compliant scan-based emulation has been integrated into all devices.
This provides non-intrusive real-time capabilities required to debug digital control systems. A complete suite
of code-generation tools from C compilers to the industry-standard Code Composer Studio
 debugger
supports this family. Numerous third-party developers not only offer device-level development tools, but also
system-level design and development support.
TMS320C24x, TMS320C2000, TMS320, and C24x are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com