Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2403AVFS Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320LF2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2403AVFS Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320LF2403AVFS Datasheet HTML 11Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 12Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 13Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 14Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 15Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 16Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 17Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 18Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
2406A
(100-PZ)
LC2404A
(100-PZ)
2403A,
LC2402A
(64-PAG)
and
2402A
(64-PG)
DESCRIPTION
OSCILLATOR, PLL, FLASH, BOOT, AND MISCELLANEOUS (CONTINUED)
PLLF2
10
8
8
37
PLL loop filter input 2
VCCP (5V)
58
40
40
60
Flash programming voltage pin. This pin must be connected to
a 5-V supply for Flash programming. The Flash cannot be
programmed if this pin is connected to GND. When not
programming the Flash (i.e., during normal device operation),
this pin can either be left connected to the 5-V supply or it can
be tied to GND. This pin must not be left floating at any time. Do
not use any current-limiting resistor in series with the 5-V supply
on this pin. This pin is a “no connect” (NC) on ROM parts (i.e.,
this pin is not connected to any circuitry internal to the device).
Connecting this pin to 5 V or leaving it open makes no difference
on ROM parts.
TP1
60
42
42
61
Test pin 1. Do not connect.
TP2
63
44
44
62
Test pin 2. Do not connect.
BIO/IOPC1
119
85
85
Branch control input. BIO is polled by the BCND pma,BIO
instruction. If BIO is low, a branch is executed. If BIO is not used,
it should be pulled high. This pin is configured as a branch
control input by all device resets. It can be used as a GPIO, if
not used as a branch control input. (
↑)
EMULATION AND TEST
EMU0
90
61
61
7
Emulator I/O #0 with internal pullup. When TRST is driven high,
this pin is used as an interrupt to or from the emulator system
and is defined as input/output through the JTAG scan. (
↑)
EMU1/OFF
91
62
62
8
Emulator pin 1. Emulator pin 1 disables all outputs. When TRST
is driven high, EMU1/OFF is used as an interrupt to or from the
emulator system and is defined as an input/output through the
JTAG scan. When TRST is driven low, this pin is configured as
OFF. EMU1/OFF, when active low, puts all output drivers in the
high-impedance state. Note that OFF is used exclusively for
testing and emulation purposes (not for multiprocessing
applications). Therefore, for the OFF condition, the following
apply:
TRST = 0
EMU0 = 1
EMU1/OFF = 0 (
↑)
TCK
135
94
94
29
JTAG test clock with internal pullup
(
↑)
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com