Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2403AVFS Datasheet(PDF) 114 Page - Texas Instruments

Part # TMS320LF2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2403AVFS Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMS320LF2403AVFS Datasheet HTML 110Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 111Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 112Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 113Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 114Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 115Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 116Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 117Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
114
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
WD CONTROL REGISTERS
07020h
to
07022h
Illegal
07023h
D7
D6
D5
D4
D3
D2
D1
D0
WDCNTR
07024h
Illegal
07025h
D7
D6
D5
D4
D3
D2
D1
D0
WDKEY
07026h
to
07028h
Illegal
07029h
WDFLAG
WDDIS
WDCHK2
WDCHK1
WDCHK0
WDPS2
WDPS1
WDPS0
WDCR
0702Ah
to
0703Fh
Illegal
SERIAL PERIPHERAL INTERFACE (SPI) CONFIGURATION CONTROL REGISTERS
07040h
SPI SW
RESET
CLOCK
POLARITY
—
—
SPI
CHAR3
SPI
CHAR2
SPI
CHAR1
SPI
CHAR0
SPICCR
07041h
—
—
—
OVERRUN
INT ENA
CLOCK
PHASE
MASTER/
SLAVE
TALK
SPI INT
ENA
SPICTL
07042h
RECEIVER
OVERRUN
FLAG
SPI INT
FLAG
TX BUF
FULL FLAG
—
—
—
—
—
SPISTS
07043h
Illegal
07044h
—
SPI BIT
RATE 6
SPI BIT
RATE 5
SPI BIT
RATE 4
SPI BIT
RATE 3
SPI BIT
RATE 2
SPI BIT
RATE 1
SPI BIT
RATE 0
SPIBRR
07045h
Illegal
07046h
ERXB15
ERXB14
ERXB13
ERXB12
ERXB11
ERXB10
ERXB9
ERXB8
SPIRXEMU
07046h
ERXB7
ERXB6
ERXB5
ERXB4
ERXB3
ERXB2
ERXB1
ERXB0
SPIRXEMU
07047h
RXB15
RXB14
RXB13
RXB12
RXB11
RXB10
RXB9
RXB8
SPIRXBUF
07047h
RXB7
RXB6
RXB5
RXB4
RXB3
RXB2
RXB1
RXB0
SPIRXBUF
07048h
TXB15
TXB14
TXB13
TXB12
TXB11
TXB10
TXB9
TXB8
SPITXBUF
07048h
TXB7
TXB6
TXB5
TXB4
TXB3
TXB2
TXB1
TXB0
SPITXBUF
07049h
SDAT15
SDAT14
SDAT13
SDAT12
SDAT11
SDAT10
SDAT9
SDAT8
SPIDAT
07049h
SDAT7
SDAT6
SDAT5
SDAT4
SDAT3
SDAT2
SDAT1
SDAT0
SPIDAT
0704Ah
0704Ah
to
Illegal
to
0704Eh
Illegal
0704Fh
—
SPI
PRIORITY
SPI
SUSP SOFT
SPI
SUSP FREE
—
—
—
—
SPIPRI
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com