Electronic Components Datasheet Search
  English  ▼

X  

AXIOM210 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM210
Description  AXIOM210
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM210 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM210 Datasheet HTML 1Page - Advanced XTAL Products AXIOM210 Datasheet HTML 2Page - Advanced XTAL Products AXIOM210 Datasheet HTML 3Page - Advanced XTAL Products AXIOM210 Datasheet HTML 4Page - Advanced XTAL Products AXIOM210 Datasheet HTML 5Page - Advanced XTAL Products AXIOM210 Datasheet HTML 6Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM210 Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(6)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM210
Rev.: 3
Date: 2015-02-17
Oscillator type:
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
Parameter
min.
typ.
max. Unit
Condition
Frequency range
50
130
MHz
Standard frequencies
100.000 / 120.000
MHz
Frequency stability
Initial tolerance @+25°C
±300
ppb
@ VC = 5V
vs. operating temperature range
±100
±200
ppb
steady state (Note 2)
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
Long term (aging) per day
±2
ppb
after 30 days operation
Long term (aging) per year
±100
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
±2
ppm
EFC voltage VC
1
5
9
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+7
dBm
Harmonics
-40
-30
dBc
Spurious at rest
-90
dBc
Phase noise at rest
See table 1
Option 2
Phase noise under random vibration
See table 2
Option 3
Warm-up time @ +25°C
5
min
∆ffinal/f0 < ±0.1 ppm
Supply voltage VS
11.4
12.0
12.6
V
(Note 3)
Current consumption (steady state)
300
mA
@ +25°C
Current consumption (warm-up)
500
mA
Operating temperature range
-40
+85
°C
(Note 2)
Enclosure (see drawings) (LxWxH)
50.0x50.0x30.0 max.
mm
Option 1 “H” or “S” (Note 4)
Weight
200
g
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stability and temperature range on request
3.
Other supply voltage on request
4.
Other enclosure height on request. Please consult factory
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VC to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXIOM210

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20 AXTAL-AXIOM20 Datasheet
58Kb / 2P
OCXO in DIL14 package, HCMOS Output
2005-07-15
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
AXIOM20-23 AXTAL-AXIOM20-23 Datasheet
93Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-26 AXTAL-AXIOM20-26 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com