Electronic Components Datasheet Search
  English  ▼

X  

AXIOM210 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM210
Description  AXIOM210
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM210 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM210 Datasheet HTML 1Page - Advanced XTAL Products AXIOM210 Datasheet HTML 2Page - Advanced XTAL Products AXIOM210 Datasheet HTML 3Page - Advanced XTAL Products AXIOM210 Datasheet HTML 4Page - Advanced XTAL Products AXIOM210 Datasheet HTML 5Page - Advanced XTAL Products AXIOM210 Datasheet HTML 6Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM210 Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(6)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Phase Noise – Option 2:
100 MHz
120 MHz
Offset
A
B
C
D
E
A
B
C
D
E
Unit
10 Hz
-90
-95
-97
-100
-105
-85
-90
-95
-97
-100
dBc/Hz
100 Hz
-125
-130
-132
-135
-137
-118
-122
-125
-127
-130
dBc/Hz
1 kHz
-155
-158
-160
-162
-164
-148
-150
-153
-155
-157
dBc/Hz
10 kHz
-165
-168
-170
-172
-174
-160
-165
-168
-170
-172
dBc/Hz
≥100 kHz
-175
-175
-175
-175
-175
-175
-175
-175
-175
-175
dBc/Hz
Table 1
Vibration sensitivity – Option 3:
Option
Phase noise @ 1 kHz *
Unit
140
-140
dBc/Hz
145
-145
dBc/Hz
150
-150
dBc/Hz
155
-155
dBc/Hz
Table 2
* see vibration profile below
Vibration profile
PSD = 0.02 g²/Hz according to RTCA/DO160E Curve C
Functional test: 1 hour each direction
Endurance test: 3 hours each direction at 2 times the PSD level of the functional test
Notes: - Other vibration profiles on request (max. PSD = 0.04 g²/Hz for fVIBRATION < 15 Hz)
- Available enclosure height depends on vibration profile
Ordering Code
Model
Option 1
[Package]
Option 2
[Phase noise]
Option 3
[Vibration sensitivity]
Revision
Frequency [MHz]
AXIOM210
“H” or “S”
Table 1
Table 2
Rev.3
100.000
Example: AXIOM210H-A-140_Rev.3 – 100.000 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com