Electronic Components Datasheet Search
  English  ▼

X  

MIC2145 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2145
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2145 Datasheet HTML 1Page - Micrel Semiconductor MIC2145 Datasheet HTML 2Page - Micrel Semiconductor MIC2145 Datasheet HTML 3Page - Micrel Semiconductor MIC2145 Datasheet HTML 4Page - Micrel Semiconductor MIC2145 Datasheet HTML 5Page - Micrel Semiconductor MIC2145 Datasheet HTML 6Page - Micrel Semiconductor MIC2145 Datasheet HTML 7Page - Micrel Semiconductor MIC2145 Datasheet HTML 8Page - Micrel Semiconductor MIC2145 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2003
1
MIC2145
MIC2145
Micrel
MIC2145
High Efficiency 2.5W Boost Converter
Final
General Description
The MIC2145 is a small size boost switching regulator that
can provide over 2.5W of output power. The input voltage
range is between 2.4V to 16V, making the device suitable for
one-cell Li-Ion and 3- to 4-cell alkaline/NiCad/NiMH applica-
tions. The output voltage of the MIC2145 can be adjusted up
to 16V.
The MIC2145 is well suited for portable, space-sensitive
applications. Its typical 450kHz operation allows small sur-
face mount external components to be used. The MIC2145
has a low quiescent current of 200
µA, and a typical shutdown
current of 0.5
µA. The MIC2145 is capable of high efficiencies
in a small board area.
The MIC2145 features a low-on resistance internal switch
that allows it to provide over 2.5W of output power. The peak
switch current can be programmed through an external
resistor. This allows the user to set the peak switch current at
the level where maximum efficiency occurs. It also allows the
user to further optimize for efficiency and inductor size by
setting the peak current below the level of inductor saturation.
The MIC2145 is available in an MSOP-8 and 3mm
×3mm
MLF™-10L package with an ambient operating temperature
range from –40
°C to +85°C.
Typical Application
L1
10 H
D1
MIC2145BMM
RSET
PGND
EN
SW
VOUT
10V/150mA
VDD
FB
SGND
I Limit
VIN
3.0V to 5.0V
SS
CIN
10 F/6.3V
COUT
10 F/16V
15
6
7
8
4
3
2
60
65
70
75
80
85
90
10
100
1000
OUTPUT CURRENT (mA)
10V Output
Efficiency
V
IN = 3.0V
Adjustable Output Boost Converter with Programmable Peak Switch Current
Features
• 2.4V to 16V input voltage
• Output adjustable to 16V
• Programmable peak current limit
• Soft start
• Up to 450kHz switching frequency
• 0.5
µA shutdown current
• 200
µA quiescent current
• Capable of 5V/ 500mA output with 3.3V input
• Achieves over 85% efficiency
• Implements low power BOOST, SEPIC, and FLYBACK
topologies
• MSOP-8 and 3mm
×3mm MLF™-10L
Applications
• Flash LED driver
• LCD bias supply
• White LED driver
• DSL bias supply
• Local 3V to 5V conversion
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Voltage
Ambient Temp. Range
Package
MIC2145BMM
Adj
–40
°C to +85°C
8-lead MSOP
MIC2145BML
Adj
–40
°C to +85°C3×3 MLF™-10L


Similar Part No. - MIC2145

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145BML MICREL-MIC2145BML Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145BMM MICREL-MIC2145BMM Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
More results

Similar Description - MIC2145

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
High Efficiency Boost Converter
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com