Electronic Components Datasheet Search
  English  ▼

X  

MIC2145 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2145
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2145 Datasheet HTML 1Page - Micrel Semiconductor MIC2145 Datasheet HTML 2Page - Micrel Semiconductor MIC2145 Datasheet HTML 3Page - Micrel Semiconductor MIC2145 Datasheet HTML 4Page - Micrel Semiconductor MIC2145 Datasheet HTML 5Page - Micrel Semiconductor MIC2145 Datasheet HTML 6Page - Micrel Semiconductor MIC2145 Datasheet HTML 7Page - Micrel Semiconductor MIC2145 Datasheet HTML 8Page - Micrel Semiconductor MIC2145 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
May 2003
5
MIC2145
MIC2145
Micrel
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Peak Current Limit
vs. Temperature
V
IN = 3.6V
V
OUT = 10V
L = 10
µH
R
SET = 200
R
SET = 500
R
SET = 1k
R
SET = 10k
0
2
4
6
8
10
12
14
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Soft Start Current
vs. Temperature
V
IN = 3.6V
400
600
800
1000
1200
1400
1600
1800
2000
100
1000
10000
100000
RSET(
Ω)
Peak Current Limit
vs. RSET
15V
5.0V
4.2V
2.4V
3.0V
3.3V
3.6V
8.0V
10V
12V
VOUT/VIN > 1.25
L = 10
µH
VIN =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com