Electronic Components Datasheet Search
  English  ▼

X  

MIC2193 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2193
Description  400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2193 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2193 Datasheet HTML 1Page - Micrel Semiconductor MIC2193 Datasheet HTML 2Page - Micrel Semiconductor MIC2193 Datasheet HTML 3Page - Micrel Semiconductor MIC2193 Datasheet HTML 4Page - Micrel Semiconductor MIC2193 Datasheet HTML 5Page - Micrel Semiconductor MIC2193 Datasheet HTML 6Page - Micrel Semiconductor MIC2193 Datasheet HTML 7Page - Micrel Semiconductor MIC2193 Datasheet HTML 8Page - Micrel Semiconductor MIC2193 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2004
1
M9999-042704
MIC2193
Micrel
MIC2193
400kHz SO-8 Synchronous Buck Control IC
General Description
Micrel’s MIC2193 is a high efficiency, PWM synchronous
buck control IC housed in the SO-8 package. Its 2.9V to 14V
input voltage range allows it to efficiently step down voltages
in 3.3V, 5V, and 12V systems as well as 1- or 2-cell Li Ion
battery powered applications.
The MIC2193 solution saves valuable board space. The
device is housed in the space-saving SO-8 package, whose
low pin-count minimizes external components. Its 400kHz
PWM operation allows a small inductor and small output
capacitors to be used. The MIC2193 can implement all-
ceramic capacitor solutions.
The MIC2193 drives a high-side P-channel MOSFET, elimi-
nating the need for high-side boot-strap circuitry. This feature
allows the MIC2193 to achieve maximum duty cycles of
100%, which can be useful in low headroom applications. A
low output driver impedance of 4
Ω allows the MIC2193 to
drive large external MOSFETs to generate a wide range of
output currents.
The MIC2193 is available in an 8 pin SOIC package with a
junction temperature range of –40
°C to +125°C.
Typical Application
VIN
3.3V
0.012
Ω
Si9803
(
×2)
3.8
µH
2k
120
µF
6.3V
(
×2)
2.2nF
MIC2193BM
VIN
VDD
CS
OUTP
GND
COMP OUTN
FB
VOUT
1.8V, 5A
Si9804
(
×2)
22.6k
10k
220
µF
6.3V
(
×2)
1
µF
Adjustable Output Synchronous Buck Converter
Features
• 2.9V to 14V input voltage range
• 400kHz oscillator frequency
• PWM current mode control
• 100% maximum duty cycle
• Front edge blanking
• 4
Ω output drivers
• Cycle-by-cycle current limiting
• Frequency foldback short circuit protection
• 8 lead SOIC package
Applications
• Point of load power supplies
• Distributed power systems
• Wireless Modems
• ADSL line cards
• Servers
• Step down conversion in 3.3V, 5V, and 12V systems
• 1-and 2-cell Li Ion battery operated equipment
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC2193

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194BM MICREL-MIC2194BM Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194BM MICREL-MIC2194BM Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194YM MICREL-MIC2194YM Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
More results

Similar Description - MIC2193

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196 MICREL-MIC2196 Datasheet
68Kb / 11P
400kHz SO-8 Boost Control IC
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2196 MICREL-MIC2196_08 Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com