Electronic Components Datasheet Search
  English  ▼

X  

MIC5252 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5252
Description  150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5252 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5252 Datasheet HTML 1Page - Micrel Semiconductor MIC5252 Datasheet HTML 2Page - Micrel Semiconductor MIC5252 Datasheet HTML 3Page - Micrel Semiconductor MIC5252 Datasheet HTML 4Page - Micrel Semiconductor MIC5252 Datasheet HTML 5Page - Micrel Semiconductor MIC5252 Datasheet HTML 6Page - Micrel Semiconductor MIC5252 Datasheet HTML 7Page - Micrel Semiconductor MIC5252 Datasheet HTML 8Page - Micrel Semiconductor MIC5252 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC5252
Micrel
M0394-121003
2
December 2003
Pin Configuration
IN
OUT
BYP
EN
L6xx
1
3
45
2
GND
MIC5252-x.xBM5
SOT-23-5 (M5)
(Top View)
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range
Package
MIC5252-1.8BM5
L618
1.8V
–40
°C to +125°C
SOT-23-5
MIC5252-2.5BM5
L625
2.5V
–40
°C to +125°C
SOT-23-5
MIC5252-2.8BM5
L628
2.8V
–40
°C to +125°C
SOT-23-5
MIC5252-2.85BM5
L62J
2.85V
–40
°C to +125°C
SOT-23-5
MIC5252-3.0BM5
L630
3.0V
–40
°C to +125°C
SOT-23-5
MIC5252-4.75BM5
L64H
4.75V
–40
°C to +125°C
SOT-23-5
MIC5252-2.8BML
628
2.8V
–40
°C to +125°C
6-Pin 2
×2 MLF™
MIC5252-2.85BML
62J
2.85V
–40
°C to +125°C
6-Pin 2
×2 MLF™
MIC5252-3.0BML
630
3.0V
–40
°C to +125°C
6-Pin 2
×2 MLF™
Other voltages available. Contact Micrel for details.
1
EN
GND
IN
6 BYP
NC
OUT
5
4
2
3
MIC5252-x.xBML
6-Pin 2mm
××××× 2mm MLF™ (ML)
(Top View)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
SOT-23-5
6-MLF™
1
3
IN
Supply Input.
2
2
GND
Ground.
3
1
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
4
6
BYP
Reference Bypass: Connect external 0.01
µF ≤ C
BYP ≤ 1.0µF capacitor to
GND to reduce output noise. May be left open.
5
4
OUT
Regulator Output.
–
5
NC
No internal connection.
–
EP
GND
Ground: Internally connected to the exposed pad. Connect externally to
GND pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com