Electronic Components Datasheet Search
  English  ▼

X  

MIC5252 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5252
Description  150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5252 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5252 Datasheet HTML 1Page - Micrel Semiconductor MIC5252 Datasheet HTML 2Page - Micrel Semiconductor MIC5252 Datasheet HTML 3Page - Micrel Semiconductor MIC5252 Datasheet HTML 4Page - Micrel Semiconductor MIC5252 Datasheet HTML 5Page - Micrel Semiconductor MIC5252 Datasheet HTML 6Page - Micrel Semiconductor MIC5252 Datasheet HTML 7Page - Micrel Semiconductor MIC5252 Datasheet HTML 8Page - Micrel Semiconductor MIC5252 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC5252
Micrel
M0394-121003
4
December 2003
Typical Characteristics
2.65
2.67
2.69
2.71
2.73
2.75
2.77
2.79
2.81
2.83
2.85
0
20 40 60 80 100 120 140
OUTPUT CURRENT (mA)
Output Voltage
vs. Load Current
2.8VOUT
2.7
2.72
2.74
2.76
2.78
2.8
2.82
2.84
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
100
µA
0
20
40
60
80
100
120
140
0
20 40 60 80 100 120 140 160
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
2.8V
OUT
0
20
40
60
80
100
120
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
1
µA Load
100
µA Load
0
µA Load
0
20
40
60
80
100
120
140
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
10mA Load
150mA Load
0
0.5
1
1.5
2
2.5
3
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
SUPPLY VOLTAGE (V)
Dropout Characteristics
150mA
100
µA
0
20
40
60
80
100
120
140
160
180
200
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout
vs. Temperature
2.8V
OUT
I
L = 150mA
0
20
40
60
80
100
120
140
160
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
0mA Load
150mA Load
100
10
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
PSRR with Bypass Variation
(V
IN
= V
OUT
+ 0.3V)
1
µF
100nF
10nF
0nF
C
OUT
= 1
µF Ceramic
V
IN =VOUT + 0.3V
V
OUT = 2.8V
Load = 150mA
1k
10k
100k
1M
100
10
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
PSRR with Load Variation
150mA
100
µA
C
OUT
= 1
µF Ceramic
C
BYP
= 10nF
V
IN =VOUT + 1V
V
OUT = 2.8V
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
VOLTAGE DROP (mV)
PSRR
at 100Hz
100
µA
C
OUT = 1µF
C
BYP = 10nF
V
OUT 2.8V
150mA
100
10
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
PSRR with Bypass Cap
Variation (V
IN
= V
OUT
+ 1V)
1
µF
100nF
10nF
0nF
C
OUT
= 1
µF Ceramic
V
IN =VOUT + 1V
V
OUT = 2.8V
Load = 150mA
1k
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com