Electronic Components Datasheet Search
  English  ▼

X  

MJD243 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD243
Description  Complementary Silicon Plastic Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD243 Datasheet HTML 1Page - ON Semiconductor MJD243 Datasheet HTML 2Page - ON Semiconductor MJD243 Datasheet HTML 3Page - ON Semiconductor MJD243 Datasheet HTML 4Page - ON Semiconductor MJD243 Datasheet HTML 5Page - ON Semiconductor MJD243 Datasheet HTML 6Page - ON Semiconductor MJD243 Datasheet HTML 7Page - ON Semiconductor MJD243 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
http://onsemi.com
3
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
Junction−to−Ambient (Note 2)
RqJC
RqJA
10
89.3
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3) (IC = 10 mAdc, IB = 0)
VCEO(sus)
100
−
Vdc
Collector Cutoff Current (VCB = 100 Vdc, IE = 0)
Collector Cutoff Current (VCB = 100 Vdc, IE = 0, TJ = 125°C)
ICBO
−
−
100
100
nAdc
mAdc
Emitter Cutoff Current (VBE = 7.0 Vdc, IC = 0)
IEBO
−
100
nAdc
DC Current Gain (Note 3) (IC = 200 mAdc, VCE = 1.0 Vdc)
DC Current Gain (Note 3) (IC = 1.0 Adc, VCE = 1.0 Vdc)
hFE
40
15
180
−
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
−
−
0.3
0.6
Vdc
Base−Emitter Saturation Voltage (Note 3) (IC = 2.0 Adc, IB = 200 mAdc)
VBE(sat)
−
1.8
Vdc
Base−Emitter On Voltage (Note 3) (IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
40
−
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
−
50
pF
2. When surface mounted on minimum pad sizes recommended.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle [ 2%.
4. fT = hFE• ftest.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com