Electronic Components Datasheet Search
  English  ▼

X  

TSC2046 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2046
Description  Low-Voltage I/O TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046 Datasheet(HTML) 3 Page - Texas Instruments

  TSC2046 Datasheet HTML 1Page - Texas Instruments TSC2046 Datasheet HTML 2Page - Texas Instruments TSC2046 Datasheet HTML 3Page - Texas Instruments TSC2046 Datasheet HTML 4Page - Texas Instruments TSC2046 Datasheet HTML 5Page - Texas Instruments TSC2046 Datasheet HTML 6Page - Texas Instruments TSC2046 Datasheet HTML 7Page - Texas Instruments TSC2046 Datasheet HTML 8Page - Texas Instruments TSC2046 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
At TA = −40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, digital
inputs = GND or IOVDD, and +VCC must be ≥ IOVDD, unless otherwise noted.
TSC2046
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span
Positive Input−Negative Input
0
VREF
V
Absolute Input Range
Positive Input
−0.2
+VCC + 0.2
V
Negative Input
−0.2
+0.2
V
Capacitance
25
pF
Leakage Current
0.1
µA
SYSTEM PERFORMANCE
Resolution
12
Bits
No Missing Codes
11
Bits
Integral Linearity Error
±2
LSB(1)
Offset Error
±6
LSB
Gain Error
External VREF
±4
LSB
Noise
Including Internal VREF
70
µVrms
Power-Supply Rejection
70
dB
SAMPLING DYNAMICS
Conversion Time
12
CLK Cycles
Acquisition Time
3
CLK Cycles
Throughput Rate
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel-to-Channel Isolation
VIN = 2.5VPP at 50kHz
100
dB
SWITCH DRIVERS
On-Resistance
Y+, X+
5
Ω
Y−, X−
6
Ω
Drive Current(2)
Duration 100ms
50
mA
REFERENCE OUTPUT
Internal Reference Voltage
2.45
2.50
2.55
V
Internal Reference Drift
15
ppm/
°C
Quiescent Current
500
µA
REFERENCE INPUT
Range
1.0
+VCC
V
Input Impedance
SER/DFR = 0, PD1 = 0
1
G
Ω
Internal Reference Off
Internal Reference On
250
Ω
BATTERY MONITOR
Input Voltage Range
0.5
6.0
V
Input Impedance
Sampling Battery
10
k
Ω
Battery Monitor Off
1
G
Ω
Accuracy
VBAT = 0.5V to 5.5V, External VREF = 2.5V
−2
+2
%
VBAT = 0.5V to 5.5V, Internal Reference
−3
+3
%
TEMPERATURE MEASUREMENT
Temperature Range
−40
+85
°C
Resolution
Differential Method(3)
1.6
°C
TEMP0(4)
0.3
°C
Accuracy
Differential Method(3)
±2
°C
TEMP0(4)
±3
°C
(1) LSB means Least Significant Bit. With VREF = +2.5V, one LSB is 610µV.
(2) Assured by design, but not tested. Exceeding 50mA source current may result in device degradation.
(3) Difference between TEMP0 and TEMP1 measurement, no calibration necessary.
(4) Temperature drift is −2.1mV/°C.
(5) TSC2046 operates down to 2.2V.
(6) IOVDD must be ≤ (+VCC).
(7) Combined supply current from +VCC and IOVDD. Typical values obtained from conversions on AUX input with PD0 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com