Electronic Components Datasheet Search
  English  ▼

X  

TSC2046 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2046
Description  Low-Voltage I/O TOUCH SCREEN CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2046 Datasheet HTML 1Page - Texas Instruments TSC2046 Datasheet HTML 2Page - Texas Instruments TSC2046 Datasheet HTML 3Page - Texas Instruments TSC2046 Datasheet HTML 4Page - Texas Instruments TSC2046 Datasheet HTML 5Page - Texas Instruments TSC2046 Datasheet HTML 6Page - Texas Instruments TSC2046 Datasheet HTML 7Page - Texas Instruments TSC2046 Datasheet HTML 8Page - Texas Instruments TSC2046 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
5
PIN CONFIGURATION
Top View
1
2
3
4
5
6
7
8
+V
CC
X+
Y+
X
−
Y
−
GND
V
BAT
AUX
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
IOVDD
V
REF
16
15
14
13
12
11
10
9
TSC2046
Top View
QFN
TSSOP
Top View
VFBGA
NC
NC
A
B
C
D
E
F
G
2
1
3
4
5
6
7
DCLK
+V
CC
+V
CC
X+
Y+
PENIRQ
IOVDD
V
REF
AUX
CS
DIN
BUSY DOUT
X
−
Y
−
GND
GND
V
BAT
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
BUSY
DIN
CS
DCLK
AUX
V
BAT
GND
Y
−
1
2
3
4
12
11
10
9
TSC2046
(1) The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left floating. Keep the thermal
pad separate from the digital ground, if possible.
(Thermal Pad)(1)
PIN DESCRIPTION
TSSOP PIN #
VFBGA PIN #
QFN PIN #
NAME
DESCRIPTION
1
B1 and C1
5
+VCC
Power Supply
2
D1
6
X+
X+ Position Input
3
E1
7
Y+
Y+ Position Input
4
G2
8
X−
X− Position Input
5
G3
9
Y−
Y− Position Input
6
G4 and G5
10
GND
Ground
7
G6
11
VBAT
Battery Monitor Input
8
E7
12
AUX
Auxiliary Input to ADC
9
D7
13
VREF
Voltage Reference Input/Output
10
C7
14
IOVDD
Digital I/O Power Supply
11
B7
15
PENIRQ
Pen Interrupt
12
A6
16
DOUT
Serial Data Output. Data are shifted on the falling edge of DCLK. This output is high
impedance when CS is high.
13
A5
1
BUSY
Busy Output. This output is high impedance when CS is high.
14
A4
2
DIN
Serial Data Input. If CS is low, data are latched on the rising edge of DCLK.
15
A3
3
CS
Chip Select Input. Controls conversion timing and enables the serial input/output register.
CS high = power-down mode (ADC only).
16
A2
4
DCLK
External Clock Input. This clock runs the SAR conversion process and synchronizes serial
data I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com