Electronic Components Datasheet Search
  English  ▼

X  

AS2533T Datasheet(PDF) 11 Page - ams AG

Part # AS2533T
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533T Datasheet(HTML) 11 Page - ams AG

Back Button AS2533T Datasheet HTML 7Page - ams AG AS2533T Datasheet HTML 8Page - ams AG AS2533T Datasheet HTML 9Page - ams AG AS2533T Datasheet HTML 10Page - ams AG AS2533T Datasheet HTML 11Page - ams AG AS2533T Datasheet HTML 12Page - ams AG AS2533T Datasheet HTML 13Page - ams AG AS2533T Datasheet HTML 14Page - ams AG AS2533T Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 10 of 25
Typical Application
Complex Impedance
(270 W + 750 W // 150 nF)
Only the components
necessary for
presenting the
complete functions of
the AS253x are
included.
The external components
might change to comply
with various national PTT
regulations and to interface
to different transducers.
Since the AS253x is a
component and not a complete
system, it can not be approved
as a stand alone part by the
standard bodies. Hence, full
conformance to any standards
is depending on the application
in which the AS253x is being
used, and therefore, approvals
by the standard bodies are the
responsibility of the customer
and austriamicrosystems AG will
not have tested the product to
meet specific standards.
For further application
information please refer to
application note AN2201
.
Figure 8 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com