Electronic Components Datasheet Search
  English  ▼

X  

AS2533T Datasheet(PDF) 25 Page - ams AG

Part # AS2533T
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533T Datasheet(HTML) 25 Page - ams AG

Back Button AS2533T Datasheet HTML 18Page - ams AG AS2533T Datasheet HTML 19Page - ams AG AS2533T Datasheet HTML 20Page - ams AG AS2533T Datasheet HTML 21Page - ams AG AS2533T Datasheet HTML 22Page - ams AG AS2533T Datasheet HTML 23Page - ams AG AS2533T Datasheet HTML 24Page - ams AG AS2533T Datasheet HTML 25Page - ams AG AS2533T Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 24 of 25
Packaging
The device is available in the packages outlined below (not
to scale). For exact mechanical package dimensions
please see austriamicrosystemsAG packaging information.
28-pin plastic SOIC (suffix T)
Max. Body Length
18.1mm / 713mil
Max. Body Width
7.6mm / 300mil
Pitch
1.27mm / 50mil
Pin Configuration
28 Pin SOIC (suffix T)
Ordering Information
Device
Order Number
Package
Features
AS2533 T
AS2533U-ZSO-U
28 pin SOIC in tubes
LNR, 4 direct/10 indirect memories
AS2533 F
pls see bottom rows
Dice on foil, sawn
LNR, 4 direct/10 indirect memories
AS2533 W
pls see bottom rows
Dice on wafer
LNR, 4 direct/10 indirect memories
AS2534B T
AS2534U-ZSO-U
28 pin SOIC in tubes
LNR only, no direct/indirect memories (2)
AS2534B F
pls see bottom rows
Dice on Foil, sawn
LNR only, no direct/indirect memories
AS2534B W
pls see bottom rows
Dice on Wafer
LNR only, no direct/indirect memories
AS2534R T
AS2534R-ZSO-U
28 pin SOIC in tubes
LNR only, no direct/indirect memories, ringer fixed (2)
AS2534R F
pls see bottom rows
Dice on Foil, sawn
LNR only, no direct/indirect memories, ringer fixed
AS2534R W
pls see bottom rows
Dice on Wafer
LNR only, no direct/indirect memories, ringer fixed
AS2535 T
AS2535U-ZSO-U
28 pin SOIC
LNR, 12 direct memories
AS2535 F
pls see bottom rows
Dice on Foil, sawn
LNR, 12 direct
AS2535 W
pls see bottom rows
Dice on Wafer
LNR, 12 direct
AS2536 T
AS2535U-ZSO-U
28 pin SOIC
LNR, 4 direct/10 indirect memories
AS2536 F
pls see bottom rows
Dice on Foil, sawn
LNR, 4 direct/10 indirect memories
AS2536 W
pls see bottom rows
Dice on Wafer
LNR, 4 direct/10 indirect memories
AS253x F
AS253xU-ZSW-F
Dice on Foil, sawn
All versions (1)
AS253x W
AS253xU-ZSW
Dice on Wafer
All versions (1)
AS253xR F
AS253xR-ZSW-F
Dice on Foil, sawn
All versions, ringer fixed (1)
AS253xR W
AS253xR-ZSW
Dice on Wafer
All versions, ringer fixed (1)
Please Note:
(1) For wafer delivery or dice-on-foil delivery, the versions can be selected by bond options.
(2) For deliveries as packaged devices (SOIC28), LNR only is tested, direct and indirect memories are not tested!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com