Electronic Components Datasheet Search
  English  ▼

X  

AS3412 Datasheet(PDF) 31 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 31 Page - ams AG

Back Button AS3412 Datasheet HTML 27Page - ams AG AS3412 Datasheet HTML 28Page - ams AG AS3412 Datasheet HTML 29Page - ams AG AS3412 Datasheet HTML 30Page - ams AG AS3412 Datasheet HTML 31Page - ams AG AS3412 Datasheet HTML 32Page - ams AG AS3412 Datasheet HTML 33Page - ams AG AS3412 Datasheet HTML 34Page - ams AG AS3412 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
ams Datasheet
Page 31
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
System
The system block handles the power up and power down
sequencing as well as the mode switching.
Power Up/Down Conditions
The chip powers up when one of the following conditions is
true:
Figure 38:
Power Up Conditions
Power Up Conditions: This table shows the available power up conditions of the AS3412.
The chip automatically shuts off if one of the following
conditions arises:
Figure 39:
Power Down Conditions
Power Down Conditions: This table shows the available power down conditions of the AS3412.
#
Source
Description
1MODE pin
In stand-alone mode, MODE pin has to be driven high for >2ms to turn on the
device
2
I²C start
In I²C mode, an I²C start condition turns on the device
#
Source
Description
1MODE pin
Slider Mode: Mode pin has to be driven low for 10ms to turn off
Push Button Mode: Mode pin has to be driven high for >2.4sec to turn off
2Serial Interface
Power down by serial interface by clearing the PWR_HOLD bit. (Please mind that
the I²C_MODE bit has to be set before clearing the PWR_HOLD bit for security
reasons)
3
VNEG CP OVC
Power down if VNEG is higher than the VNEG off-threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com