Electronic Components Datasheet Search
  English  ▼

X  

AS3412 Datasheet(PDF) 52 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 52 Page - ams AG

Back Button AS3412 Datasheet HTML 48Page - ams AG AS3412 Datasheet HTML 49Page - ams AG AS3412 Datasheet HTML 50Page - ams AG AS3412 Datasheet HTML 51Page - ams AG AS3412 Datasheet HTML 52Page - ams AG AS3412 Datasheet HTML 53Page - ams AG AS3412 Datasheet HTML 54Page - ams AG AS3412 Datasheet HTML 55Page - ams AG AS3412 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3 412 − Register Description
Register Overview
Figure 69:
Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0
System Registers
20h
SYSTEM
DESIGN_VERSION<3:0> 1111
EVAL_REG_ON
-
-
PWR_HOLD
21h
PWR_READ
-
LOW_BAT
PWRUP
COMPLETE
HPH_ON
MIC_ON
-
MICS_CP_ON
MICS_ON
2h-2Fh
Reserved
OTP Registers
10h
ANC_R2
TEST_BIT_1
-
MICR_VOL_OTP2<5:0>
Gain from MICR to QMICR or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
11h
ANC_L2
ALT2_ENABLE
-
MICL_VOL_OTP2<5:0>
Gain from MICL to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
12h
ANC_R3
TEST_BIT_2
-
MICR_VOL_OTP3<5:0>
Gain from MICR to QMICR or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
13h
ANC_L3
ALT3_ENABLE
-
MICL_VOL_OTP3<5:0>
Gain from MICL to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
14h
ANC_MODE
HPH_MUX<1:0>
0: MIC; 1: OP1;
2: Do not use; 3: Not connected
-
LIN_MUTE
-
-
OP1R_ON
OP1L_ON
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com