Electronic Components Datasheet Search
  English  ▼

X  

MRB Datasheet(PDF) 1 Page - Copal Electronics

Part # MRB
Description  Super-Miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRB Datasheet(HTML) 1 Page - Copal Electronics

  MRB Datasheet HTML 1Page - Copal Electronics MRB Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MRB(45°Step)
Super-Miniature Rotary Switches
■Features
1. High contact reliability assured (Twin contact type)
2. Selection of various circuits is Åexible.
3. Fully-sealed structure protects the contacts from
environmental contamination.
4. Immersion cleaning is possible.
5. Best suited for use in dry circuit since the contacts
and terminals are gold-plated.
RoHS Compliant
■Part Numbering
■ SpeciÄcations
Rating
0.4VA max.
(12VDC max.)
Initial contact resistance 200m
Ω max.
(1,5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
100M
Ω min.
(100VDC)
Electrical life
10,000 cycles
Operating force
1.96
∼5.88N・cm
Operating
temperature range
−20∼+70℃
Storage
temperature range
−40∼+85℃
■PC Hole Layouts
Washable
MRB
 1 −  3 − Z
Series code
Number of poles
Number of position
(Top view)
MRB series
★MRB1−3−Z1−pole 3−position
Terminal numbers are not shown on the switch.
The shaft fully rotates 360 degrees. In the shaft
positions other than I, II and III, the contacts is in
the OFF state.
Switching function
Circuit arrangement
Circuit
diagram
Position I
Position II Position III
ON
ON
ON
C
−1C−2C−3
★:Made to order products.


Similar Part No. - MRB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRB VISHAY-MRB Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
07-May-12
logo
List of Unclassifed Man...
MRB ETC-MRB Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
logo
Comus International
MRB-1N-12U COMUS-MRB-1N-12U Datasheet
381Kb / 1P
Magnetic Reed Relay - Two pole - One Form A, One Form B - 12 VDC
MRB-1N-24U COMUS-MRB-1N-24U Datasheet
383Kb / 1P
Magnetic Reed Relay - Two pole - One Form A, One Form B - 24 VDC
logo
ETA-USA
MRB-SA ETA-USA-MRB-SA Datasheet
490Kb / 3P
50 WATT AC-DC CONVERTER
More results

Similar Description - MRB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
Miniature ROTA-SLIDE짰 Rotary Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
Hyper-Miniature Dip Rotary Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
Miniature Rotary Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
Miniature Rotary Switches
MR-STEP36 COPAL-MR-STEP36 Datasheet
567Kb / 3P
Miniature Rotary Switches
SMR COPAL-SMR Datasheet
1Mb / 4P
Hyper-Miniature Dip Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
Miniature Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
RW CK-COMPONENTS-RW Datasheet
269Kb / 2P
Sub-miniature Rotary Switches
16 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com