Electronic Components Datasheet Search
  English  ▼

X  

MRB Datasheet(PDF) 2 Page - Copal Electronics

Part # MRB
Description  Super-Miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRB Datasheet(HTML) 2 Page - Copal Electronics

  MRB Datasheet HTML 1Page - Copal Electronics MRB Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRB
Washable
●For the hexagon wrench for FB/FN types, choose the M4 wrench (2 mm) available on the market.
■Optional Accessories
《Sold separately》
Part Name
Knob
FB
FN
Dimensions
Part No.
140000050598
140000051012
140000050956
140000050601
Color
Body
Silver
Black
Silver
Black
Indicator Line
Black
White
Black
White
Body Material
Aluminium
Aluminium
1. Soldering SpeciÄcations
⑴Manual Soldering
Device
: Soldering iron
360
℃, Max.; 3 seconds, Max.
⑵ Auto Soldering
Device: Jet wave type or dip type
275
℃, Max.; 6 seconds, Max.
・Pre-heating should be done at temperatures from 80 to
120
℃ and within 120 seconds
⑶When soldering two or more terminals to the common
land, use the solder resist to solder them independently.
3. Mounting of Switch
⑴ Use the PC boards of φ 1 holes.
⑵Do not bend the terminals before mounting the switch on
the PC board.
⑶After mounting the switch, do not place the device in
such a way that the device weight will be applied on the
knob, etc. of the switch.
⑷Do not apply a load exceeding 29.4 N (3 kgf) to the knob.
2. Flux Cleaning
⑴For the solvent, use the Åuorine-based or alcohol-based solvent.
Solvent: Fluorine or Alcohol type
⑵Do not use the ultrasonic cleaning system.
■Handling Precautions
:Optional Accessories.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com